Electronic Components Datasheet Search
  English  ▼

X  

THS4541IRUNR.B Datasheet(PDF) 59 Page - Texas Instruments

Part # THS4541IRUNR.B
Description  THS4541 Negative Rail Input, Rail-to-Rail Output, Precision, 850MHz Fully Differential Amplifier
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

THS4541IRUNR.B Datasheet(HTML) 59 Page - Texas Instruments

Back Button THS4541IRUNR.B Datasheet HTML 55Page - Texas Instruments THS4541IRUNR.B Datasheet HTML 56Page - Texas Instruments THS4541IRUNR.B Datasheet HTML 57Page - Texas Instruments THS4541IRUNR.B Datasheet HTML 58Page - Texas Instruments THS4541IRUNR.B Datasheet HTML 59Page - Texas Instruments THS4541IRUNR.B Datasheet HTML 60Page - Texas Instruments THS4541IRUNR.B Datasheet HTML 61Page - Texas Instruments THS4541IRUNR.B Datasheet HTML 62Page - Texas Instruments THS4541IRUNR.B Datasheet HTML 63Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 66 page
background image
www.ti.com
PACKAGE OUTLINE
C
16X
0.30
0.18
1.45 0.1
16X
0.5
0.3
1 MAX
(0.2) TYP
0.05
0.00
12X 0.5
4X
1.5
A
3.1
2.9
B
3.1
2.9
VQFN - 1 mm max height
RGT0016A
PLASTIC QUAD FLATPACK - NO LEAD
4219032/A 02/2017
PIN 1 INDEX AREA
0.08
SEATING PLANE
1
4
9
12
5
8
16
13
(OPTIONAL)
PIN 1 ID
0.1
C A B
0.05
EXPOSED
THERMAL PAD
SYMM
SYMM
17
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
4. Reference JEDEC registration MO-220
SCALE 3.600



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com