Electronic Components Datasheet Search
  English  ▼

X  

LM5171 Datasheet(PDF) 39 Page - Texas Instruments

Part # LM5171
Description  LM5171-Q1 Dual Channel Bidirectional Controller
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5171 Datasheet(HTML) 39 Page - Texas Instruments

Back Button LM5171 Datasheet HTML 35Page - Texas Instruments LM5171 Datasheet HTML 36Page - Texas Instruments LM5171 Datasheet HTML 37Page - Texas Instruments LM5171 Datasheet HTML 38Page - Texas Instruments LM5171 Datasheet HTML 39Page - Texas Instruments LM5171 Datasheet HTML 40Page - Texas Instruments LM5171 Datasheet HTML 41Page - Texas Instruments LM5171 Datasheet HTML 42Page - Texas Instruments LM5171 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 89 page
background image
tHD;DAT;MAX
tSU;DAT;MAX
S
SDA
SCL
Figure 7-3. I 2 C Data Transmission Timing for maximum rise/fall times.
7.3 Clock Stretching
Clock stretching is not supported. If the device is addressed while busy and not able to process the received
data, it does not acknowledge the transaction.
7.4 Data Transfer Formats
The device supports four different read/write operations:
• Single read from a defined register address.
• Single write to a defined register address.
• Sequential read starting from a defined register address
• Sequential write starting from a defined register address
7.5 Single READ From a Defined Register Address
Figure 7-4 shows the format of a single read from a defined register address. First, the Controller issues a start
condition followed by a seven-bit I 2 C address. Next, the Controller writes a zero to signify that a write operation
is conducted. Upon receiving an acknowledge from the Peripheral the Controller sends the eight-bit register
address across the bus. Following a second acknowledge the device sets the internal I 2 C register number to
the defined value. Then the Controller issues a repeat start condition and the seven-bit I 2 C address followed
by a one to signify that a read operation has conducted. Upon receiving a third acknowledge, the Controller
releases the bus to the device. The device then returns the eight-bit data value from the register on the bus. The
Controller does not acknowledge (nACK) and issues a stop condition. This action concludes the register read.
7-bit target Address
0
A
8-bit Register Address
S
write
From controller to target
From target to controller
S
A
P
Start
Acknowlege
Stop
Ā
Not Acknowlege
7-bit target Address
1
A
DATA
REGADDR
S
P
read
Ā
A
Figure 7-4. Single READ From a Defined Register Address
7.6 Sequential READ Starting From a Defined Register Address
A sequential read operation is an extension of the single read protocol and shown in Figure 7-5. The Controller
acknowledges the reception of a data byte, the device auto increments the register address and returns the data
from the next register. The data transfer is stopped by the Controller not acknowledging the last data byte and
sending a stop condition.
www.ti.com
LM5171-Q1
SNVSC75B – APRIL 2023 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: LM5171-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com