Electronic Components Datasheet Search
  English  ▼

X  

LM5171 Datasheet(PDF) 71 Page - Texas Instruments

Part # LM5171
Description  LM5171-Q1 Dual Channel Bidirectional Controller
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5171 Datasheet(HTML) 71 Page - Texas Instruments

Back Button LM5171 Datasheet HTML 67Page - Texas Instruments LM5171 Datasheet HTML 68Page - Texas Instruments LM5171 Datasheet HTML 69Page - Texas Instruments LM5171 Datasheet HTML 70Page - Texas Instruments LM5171 Datasheet HTML 71Page - Texas Instruments LM5171 Datasheet HTML 72Page - Texas Instruments LM5171 Datasheet HTML 73Page - Texas Instruments LM5171 Datasheet HTML 74Page - Texas Instruments LM5171 Datasheet HTML 75Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 89 page
background image
8.6.1.3.4 Typical Start Up and Shutdown
Horizontal: 1ms/div
C1: Vout, 5V/div
C4: ILm, 5A/div
Figure 8-26. Start Up: Buck Mode, Iload= 10A
Horizontal: 1ms/div
C1: Vout, 10V/div
C4: ILm, 5A/div
Figure 8-27. Start Up: Boost Mode, Iload= 4A
C1: SW, 50V/div
C2: DT/SD, 1V/div
C3: SYNCO, 5V/div
C4: ILm, 10A/div
Horizontal: 5µs/div
Figure 8-28. Shutdown: Latched Shutdown by DT/SD
8.6.1.3.5 DEM and FPWM
C1: SS/DEM, 2V/div
C2: LO, 5V/div
C3: HO-SW, 5V/div
C4: ILm, 5A/div
Horizontal: 5µs/div
Figure 8-29. DEM: Buck Mode, Iload= 4A
C1: SS/DEM, 2V/div
C2: LO, 5V/div
C3: HO-SW, 5V/div
C4: ILm, 5A/div
Horizontal: 5µs/div
Figure 8-30. FPWM: Buck Mode, Iload= 4A
www.ti.com
LM5171-Q1
SNVSC75B – APRIL 2023 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
71
Product Folder Links: LM5171-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com