Electronic Components Datasheet Search
  English  ▼

X  

LM5171 Datasheet(PDF) 67 Page - Texas Instruments

Part # LM5171
Description  LM5171-Q1 Dual Channel Bidirectional Controller
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5171 Datasheet(HTML) 67 Page - Texas Instruments

Back Button LM5171 Datasheet HTML 63Page - Texas Instruments LM5171 Datasheet HTML 64Page - Texas Instruments LM5171 Datasheet HTML 65Page - Texas Instruments LM5171 Datasheet HTML 66Page - Texas Instruments LM5171 Datasheet HTML 67Page - Texas Instruments LM5171 Datasheet HTML 68Page - Texas Instruments LM5171 Datasheet HTML 69Page - Texas Instruments LM5171 Datasheet HTML 70Page - Texas Instruments LM5171 Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 89 page
background image
Frequency (Hz)
Power Plant
Compensation
Total Loop
Figure 8-17. Bode Plots of the Current Loop
For buck mode, select the voltage loop crossover frequency at 1/10 of the current loop crossover frequency.
According to Equation 110, the compensation network for the voltage current loop is determined by:
RLCOMP=
RLFBT
Kdc_BK× 1+2i×π×fCV
ωZ_vl
1+2i×π×fCV
ωZ_il ×KISET
=
26.7kΩ
0.4Ω
40×1mΩ× 1+2i×π×1.5kHz
250kHz
1+2i×π×1.5kHz
6.25kHz ×0.8
=6.1kΩ
CLCOMP= 1
2i×π×fCV5×RCOMP = 1
2i×π×1.5kHz5×6.1kΩ =86nF
CLHF=
1
2i×π×10×fCV×RCOMP =1.7nF
(110)
Selecting the closest standard values for the compensation network, namely,
RLCOMP = 6.2kΩ
CCOMP1 = 100nF
CHF1 = 1.5nF
Figure 8-18 shows the bode plots of the power plant Gvs_BK(s), the voltage loop compensation gain Gcv(s) , and
the resulting total open loop gain Tvs_BK(s).
www.ti.com
LM5171-Q1
SNVSC75B – APRIL 2023 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
67
Product Folder Links: LM5171-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com