Electronic Components Datasheet Search
  English  ▼

X  

LM5171 Datasheet(PDF) 65 Page - Texas Instruments

Part # LM5171
Description  LM5171-Q1 Dual Channel Bidirectional Controller
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5171 Datasheet(HTML) 65 Page - Texas Instruments

Back Button LM5171 Datasheet HTML 61Page - Texas Instruments LM5171 Datasheet HTML 62Page - Texas Instruments LM5171 Datasheet HTML 63Page - Texas Instruments LM5171 Datasheet HTML 64Page - Texas Instruments LM5171 Datasheet HTML 65Page - Texas Instruments LM5171 Datasheet HTML 66Page - Texas Instruments LM5171 Datasheet HTML 67Page - Texas Instruments LM5171 Datasheet HTML 68Page - Texas Instruments LM5171 Datasheet HTML 69Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 89 page
background image
Choose CIMONx considering delay and voltage ripple. Here we select:
CIMONx = 10nF
(101)
Then the delay of the monitor is determined by the following time constant:
τIMONx=RIMONx×CIMONx=10kΩ×10ns=100µs
(102)
At full load, the DC component of the monitor voltage is:
VIMONx=2× Imax×RCS
500Ω +50µA ×RIMONx=2× 30A×1mΩ
500Ω +50µA ×10kΩ=2.2V
(103)
Considering the inductor ripple current, the IOUT peak to peak ripple current is:
ΔIMONx=Ipk−pk×RCS
500Ω =23.8A×1mΩ
500Ω =47.6µA
(104)
The RC filter corner frequency is thus given by:
fIMONx= 1
2π×RIMONx×CIMONx= 1
6.28×10kΩ×10nF=1.59kHz
(105)
The resulting peak-to-peak monitor ripple voltage is approximately determined by:
ΔVIMONx=ΔIMONx× RIMONx 1
2i×π×FSW×CIMONx =47.6µA× 10kΩ 1
2i×π×100kHz×10nF =7.5mV (106)
The peak-to-peak monitor ripple voltage is approximately 0.34% of the full load DC monitor voltage. Increasing
CIMONx attenuates the ripple voltage at the cost of higher monitor delay.
8.6.1.2.13 Undervoltage Lockout (UVLO)
The example circuit uses UVLO pin as the Controller enable pin of LM5171-Q1. However, UVLO pin also fulfills
the function of undervoltage lockout, either the 48V rail UVLO, or 12V rail UVLO, or VCC UVLO.
Assume the user implements the 48V rail UVLO, and the low-side resistor RUVLO2 = 10kΩ, the 48V UVLO
release threshold VUVLO = 24V, and UVLO hysteresis is VHYS = 2.4V. Referring to Equation 1, RUVLO1 is given
by:
UVLO
UVLO1
UVLO2
V
2.5 V
24 V
2.5 V
R
R
10 k
86 k
2.5 V
2.5 V
u
u
:
:
(107)
Select the closest standard resistor of RUVLO1 = 86.6kΩ.
Referring Equation 3, RUVLO3 is found as:
HYS
UVLO1
UVLO3
UVLO1
UVLO2
V
2.4 V
R
86.6 k
25
A
25
A
R
0.973 k
R
86.6 k
1
1
10 k
R
:
P
P
:
:
:
(108)
Select the closest standard resistor, RUVLO1 = 976Ω.
If the user chooses to add the capacitor CUVLO = 1nF, it leads to a delay time constant of 10µs to filter possible
noise at the at the UVLO pin.
www.ti.com
LM5171-Q1
SNVSC75B – APRIL 2023 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
65
Product Folder Links: LM5171-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com