Electronic Components Datasheet Search
  English  ▼

X  

LM5171 Datasheet(PDF) 12 Page - Texas Instruments

Part # LM5171
Description  LM5171-Q1 Dual Channel Bidirectional Controller
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5171 Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM5171 Datasheet HTML 8Page - Texas Instruments LM5171 Datasheet HTML 9Page - Texas Instruments LM5171 Datasheet HTML 10Page - Texas Instruments LM5171 Datasheet HTML 11Page - Texas Instruments LM5171 Datasheet HTML 12Page - Texas Instruments LM5171 Datasheet HTML 13Page - Texas Instruments LM5171 Datasheet HTML 14Page - Texas Instruments LM5171 Datasheet HTML 15Page - Texas Instruments LM5171 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 89 page
background image
5.5 Electrical Characteristics (continued)
Typical values correspond to TJ = 25°C. Minimum and maximum limits apply over TJ = –40°C to 150°C. Unless otherwise
stated, FOSC = 100 kHz; VVCC = 10 V; VHV1 = VHV2 = VHV-Port = 48V and VLV-Port = 12 V.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RCFG3
I2C Address: b0100010. IMON =
IMON_IL
0.649
0.665
kΩ
RCFG4
I2C Address: b0100011. IMON =
IMON_IL
1.1
1.13
kΩ
RCFG5
I2C Address: b0100100. IMON =
IMON_IL
1.65
1.69
kΩ
RCFG6
I2C Address: b0100101. IMON =
IMON_IL
2.43
2.49
kΩ
RCFG7
I2C Address: b0100110. IMON
= IMON_IL
3.32
3.4
kΩ
RCFG8
I2C Address: b0100111. IMON =
IMON_IL
4.53
4.64
kΩ
RCFG9
I2C Address: b0100111. IMON =
IMON_BSTOUT
6.65
6.81
kΩ
RCFG10
I2C Address: b0100110. IMON
= IMON_BSTOUT
10.2
10.5
kΩ
RCFG11
I2C Address: b0100101. IMON =
IMON_BSTOUT
13.7
14.0
kΩ
RCFG12
I2C Address: b0100100. IMON =
IMON_BSTOUT
18.7
19.1
kΩ
RCFG13
I2C Address: b0100011. IMON =
IMON_BSTOUT
26.1
26.7
kΩ
RCFG14
I2C Address: b0100010. IMON =
IMON_BSTOUT
37.4
38.3
kΩ
RCFG15
I2C Address: b0100001. IMON =
IMON_BSTOUT
60.4
61.9
kΩ
RCFG16
I2C Address: b0100000. IMON =
IMON_BSTOUT
95.3
97.6
kΩ
I2C INTERFACE (SLC, SDA)
VSDAL
SDA input low state
1.0
V
VSDAH
SDA input high state
2.0
V
VSCLL
SCL input low state
1.0
V
VSCLH
SCL input high state
2.0
V
Thermal Shutdown
TJ_SD
Thermal shutdown
155
175
℃
Thermal shutdown hysteresis
15
℃
5.6 Timing Requirements
Over operating junction temperature range and recommended supply voltage range (unless otherwise noted)
MIN
NOM
MAX
UNI
T
I2C INTERFACE
fSCL
SCL clock frequency
Standard mode
0
100
kHz
Fast mode
0
400
Fast mode plus (1)
0
1000
tLOW
LOW period of the SCL clock
Standard mode
4.7
µs
Fast mode
1.3
Fast mode plus (1)
0.5
LM5171-Q1
SNVSC75B – APRIL 2023 – REVISED SEPTEMBER 2025
www.ti.com
12
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM5171-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com