Electronic Components Datasheet Search
  English  ▼

X  

TMUX1111 Datasheet(PDF) 18 Page - Texas Instruments

Part # TMUX1111
Description  TMUX111x 5V, Low-Leakage-Current, 1:1 (SPST), 4-Channel Precision Switches
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1111 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TMUX1111 Datasheet HTML 14Page - Texas Instruments TMUX1111 Datasheet HTML 15Page - Texas Instruments TMUX1111 Datasheet HTML 16Page - Texas Instruments TMUX1111 Datasheet HTML 17Page - Texas Instruments TMUX1111 Datasheet HTML 18Page - Texas Instruments TMUX1111 Datasheet HTML 19Page - Texas Instruments TMUX1111 Datasheet HTML 20Page - Texas Instruments TMUX1111 Datasheet HTML 21Page - Texas Instruments TMUX1111 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 44 page
background image
7.3 On-leakage current
Source on-leakage current is defined as the leakage current flowing into or out of the source pin when the switch
is on. This current is denoted by the symbol IS(ON).
Drain on-leakage current is defined as the leakage current flowing into or out of the drain pin when the switch is
on. This current is denoted by the symbol ID(ON).
Either the source pin or drain pin is left floating during the measurement. Figure 7-3 shows the circuit used for
measuring the on-leakage current, denoted by IS(ON) or ID(ON).
VDD
VDD
S1
GND
D1
VD
ID (ON)
N.C.
A
S4
D4
VD
ID (ON)
N.C.
A
VDD
VDD
D1
GND
S1
VS
IS (ON)
N.C.
A
D4
S4
VS
IS (ON)
N.C.
A
Figure 7-3. On-Leakage Measurement Setup
7.4 Transition time
Transition time is defined as the time taken by the output of the device to rise or fall 10% after the address signal
has risen or fallen past the logic threshold. The 10% transition measurement is utilized to provide the timing of
the device. System level timing can then account for the time constant added from the load resistance and load
capacitance. Figure 7-4 shows the setup used to measure transition time, denoted by the symbol tTRANSITION.
VIH
VIL
tTRANSITION
10%
90%
OUTPUT
0 V
ADDRESS
DRIVE
(VSEL)
VDD
tTRANSITION
VSEL
0 V
tr < 5ns
tf < 5ns
GND
VS
OUTPUT
RL
CL
S1
D1
SEL1 - SEL4
VS
OUTPUT
RL
CL
S4
D4
VDD
VDD
0.1 F
Figure 7-4. Transition-Time Measurement Setup
TMUX1111, TMUX1112, TMUX1113
SCDS408C – FEBRUARY 2019 – REVISED DECEMBER 2023
www.ti.com
18
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMUX1111 TMUX1112 TMUX1113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com