Electronic Components Datasheet Search
  English  ▼

X  

TMUX1111 Datasheet(PDF) 30 Page - Texas Instruments

Part # TMUX1111
Description  TMUX111x 5V, Low-Leakage-Current, 1:1 (SPST), 4-Channel Precision Switches
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1111 Datasheet(HTML) 30 Page - Texas Instruments

Back Button TMUX1111 Datasheet HTML 26Page - Texas Instruments TMUX1111 Datasheet HTML 27Page - Texas Instruments TMUX1111 Datasheet HTML 28Page - Texas Instruments TMUX1111 Datasheet HTML 29Page - Texas Instruments TMUX1111 Datasheet HTML 30Page - Texas Instruments TMUX1111 Datasheet HTML 31Page - Texas Instruments TMUX1111 Datasheet HTML 32Page - Texas Instruments TMUX1111 Datasheet HTML 33Page - Texas Instruments TMUX1111 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
9.5.2 Layout Example
Figure 9-8 shows an example of a PCB layout with the TMUX111x. Some key considerations are:
• Decouple the VDD pin with a 0.1µF capacitor, placed as close to the pin as possible. Make sure that the
capacitor voltage rating is sufficient for the VDD supply.
• Keep the input lines as short as possible.
• Use a solid ground plane to help reduce electromagnetic interference (EMI) noise pickup.
• Do not run sensitive analog traces in parallel with digital traces. Avoid crossing digital and analog traces if
possible, and only make perpendicular crossings when necessary.
Wide (low inductance)
trace for power
SEL1
D1
S1
N.C.
GND
S4
SEL2
D2
S2
VDD
N.C.
S3
SEL4
TMUX111x
SEL3
D4
D3
C
Via to GND plane
Figure 9-8. TMUX111x Layout Example
TMUX1111, TMUX1112, TMUX1113
SCDS408C – FEBRUARY 2019 – REVISED DECEMBER 2023
www.ti.com
30
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMUX1111 TMUX1112 TMUX1113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com