Electronic Components Datasheet Search
  English  ▼

X  

TMUX1111 Datasheet(PDF) 23 Page - Texas Instruments

Part # TMUX1111
Description  TMUX111x 5V, Low-Leakage-Current, 1:1 (SPST), 4-Channel Precision Switches
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1111 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TMUX1111 Datasheet HTML 19Page - Texas Instruments TMUX1111 Datasheet HTML 20Page - Texas Instruments TMUX1111 Datasheet HTML 21Page - Texas Instruments TMUX1111 Datasheet HTML 22Page - Texas Instruments TMUX1111 Datasheet HTML 23Page - Texas Instruments TMUX1111 Datasheet HTML 24Page - Texas Instruments TMUX1111 Datasheet HTML 25Page - Texas Instruments TMUX1111 Datasheet HTML 26Page - Texas Instruments TMUX1111 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 44 page
background image
Temperature (qC)
-40
-20
0
20
40
60
80
100
120
-3
-2
-1
0
1
2
3
IS(ON)
IS(OFF)
D008
Figure 8-2. Leakage Current vs Temperature
8.3.6 Ultra-Low Charge Injection
The TMUX111x devices have a transmission gate topology, as shown in Figure 8-3. Any mismatch in the stray
capacitance associated with the NMOS and PMOS causes an output level change whenever the switch is
opened or closed.
The TMUX111x devices have special charge-injection cancellation circuitry that reduces the source-to-drain
charge injection to -1.5pC at VS = 1V as shown in Figure 8-4.
S
D
C
GDP
C
GDN
C
GSN
C
GSP
OFF
ON
OFF ON
Figure 8-3. Transmission Gate Topology
VS - Source Voltage (V)
0
1
2
3
4
5
-20
-15
-10
-5
0
5
10
15
20
VDD = 5 V
VDD = 3.3 V
D011
Figure 8-4. Charge Injection vs Source Voltage
www.ti.com
TMUX1111, TMUX1112, TMUX1113
SCDS408C – FEBRUARY 2019 – REVISED DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: TMUX1111 TMUX1112 TMUX1113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com