Electronic Components Datasheet Search
  English  ▼

X  

TMUX1111 Datasheet(PDF) 31 Page - Texas Instruments

Part # TMUX1111
Description  TMUX111x 5V, Low-Leakage-Current, 1:1 (SPST), 4-Channel Precision Switches
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1111 Datasheet(HTML) 31 Page - Texas Instruments

Back Button TMUX1111 Datasheet HTML 27Page - Texas Instruments TMUX1111 Datasheet HTML 28Page - Texas Instruments TMUX1111 Datasheet HTML 29Page - Texas Instruments TMUX1111 Datasheet HTML 30Page - Texas Instruments TMUX1111 Datasheet HTML 31Page - Texas Instruments TMUX1111 Datasheet HTML 32Page - Texas Instruments TMUX1111 Datasheet HTML 33Page - Texas Instruments TMUX1111 Datasheet HTML 34Page - Texas Instruments TMUX1111 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
10 Device and Documentation Support
10.1 Documentation Support
10.1.1 Related Documentation
For related documentation, see the following:
• Texas Instruments, Sample and Hold Glitch Reduction for Precision Outputs Reference Design.
• Texas Instruments, True Differential, 4 x 2 MUX, Analog Front End, Simultaneous-Sampling ADC Circuit.
• Texas Instruments, Improve Stability Issues with Low CON Multiplexers.
• Texas Instruments, Simplifying Design with 1.8V logic Muxes and Switches.
• Texas Instruments, Eliminate Power Sequencing with Powered-off Protection Signal Switches.
• Texas Instruments, System-Level Protection for High-Voltage Analog Multiplexers.
• Texas Instruments, QFN/SON PCB Attachment.
• Texas Instruments, Quad Flatpack No-Lead Logic Packages.
10.2 Receiving Notification of Documentation Updates
To receive notification of documentation updates, navigate to the device product folder on ti.com. Click on
Notifications to register and receive a weekly digest of any product information that has changed. For change
details, review the revision history included in any revised document.
10.3 Support Resources
TI E2E™ support forums are an engineer's go-to source for fast, verified answers and design help — straight
from the experts. Search existing answers or ask your own question to get the quick design help you need.
Linked content is provided "AS IS" by the respective contributors. They do not constitute TI specifications and do
not necessarily reflect TI's views; see TI's Terms of Use.
10.4 Trademarks
TI E2E™ is a trademark of Texas Instruments.
All trademarks are the property of their respective owners.
10.5 Electrostatic Discharge Caution
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled
with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may
be more susceptible to damage because very small parametric changes could cause the device not to meet its published
specifications.
10.6 Glossary
TI Glossary
This glossary lists and explains terms, acronyms, and definitions.
11 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision B (August 2019) to Revision C (December 2023)
Page
• Updated the numbering format for tables, figures, and cross-references throughout the document................. 1
• Updated Is or Id (Continuous Current) values....................................................................................................4
• Added Ipeak values to recommended operating conditions table...................................................................... 4
Changes from Revision A (June 2019) to Revision B (August 2019)
Page
• Deleted the Product Preview note from: TMUX1113, TMUX1112 and the RSV package in the Device
Information table.................................................................................................................................................1
• Deleted the Product Preview note from: TMUX1113, TMUX1112 in the Device Comparison Table table..........2
• Deleted the Product Preview note from:the RSV package in the Pin Configuration and Functions section...... 3
www.ti.com
TMUX1111, TMUX1112, TMUX1113
SCDS408C – FEBRUARY 2019 – REVISED DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: TMUX1111 TMUX1112 TMUX1113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com