Electronic Components Datasheet Search
  English  ▼

X  

TMUX1111 Datasheet(PDF) 12 Page - Texas Instruments

Part # TMUX1111
Description  TMUX111x 5V, Low-Leakage-Current, 1:1 (SPST), 4-Channel Precision Switches
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1111 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMUX1111 Datasheet HTML 8Page - Texas Instruments TMUX1111 Datasheet HTML 9Page - Texas Instruments TMUX1111 Datasheet HTML 10Page - Texas Instruments TMUX1111 Datasheet HTML 11Page - Texas Instruments TMUX1111 Datasheet HTML 12Page - Texas Instruments TMUX1111 Datasheet HTML 13Page - Texas Instruments TMUX1111 Datasheet HTML 14Page - Texas Instruments TMUX1111 Datasheet HTML 15Page - Texas Instruments TMUX1111 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
6.8 Electrical Characteristics (VDD = 1.2V ±10 %)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
ANALOG SWITCH
RON
On-resistance
VS = 0V to VDD
ISD = 10mA
Refer to On-resistance
25°C
70
Ω
–40°C to +85°C
105
Ω
–40°C to +125°C
105
Ω
ΔRON
On-resistance matching between
channels
VS = 0V to VDD
ISD = 10mA
Refer to On-resistance
25°C
0.4
Ω
–40°C to +85°C
1.5
Ω
–40°C to +125°C
1.5
Ω
IS(OFF)
Source off leakage current(1)
VDD = 1.32V
Switch Off
VD = 1V / 0.8V
VS = 0.8V / 1V
Refer to Off-leakage current
25°C
–0.05 ±0.001
0.05
nA
–40°C to +85°C
–0.2
0.2
nA
–40°C to +125°C
–0.9
0.9
nA
ID(OFF)
Drain off leakage current(1)
VDD = 1.32V
Switch Off
VD = 1V / 0.8V
VS = 0.8V / 1V
Refer to Off-leakage current
25°C
–0.05 ±0.001
0.05
nA
–40°C to +85°C
–0.2
0.2
nA
–40°C to +125°C
–0.9
0.9
nA
ID(ON)
IS(ON)
Channel on leakage current
VDD = 1.32V
Switch On
VD = VS = 1V / 0.8V
Refer to On-leakage current
25°C
–0.1 ±0.005
0.1
nA
–40°C to +85°C
–0.35
0.35
nA
–40°C to +125°C
–2
2
nA
LOGIC INPUTS (SELx)
VIH
Input logic high
–40°C to +125°C
0.96
5.5
V
VIL
Input logic low
–40°C to +125°C
0
0.36
V
IIH
IIL
Input leakage current
25°C
±0.005
µA
IIH
IIL
Input leakage current
–40°C to +125°C
±0.05
µA
CIN
Logic input capacitance
25°C
1
pF
CIN
Logic input capacitance
–40°C to +125°C
2
pF
POWER SUPPLY
IDD
VDD supply current
Logic inputs = 0V or 5.5V
25°C
0.001
µA
–40°C to +125°C
0.7
µA
TMUX1111, TMUX1112, TMUX1113
SCDS408C – FEBRUARY 2019 – REVISED DECEMBER 2023
www.ti.com
12
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: TMUX1111 TMUX1112 TMUX1113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com