Electronic Components Datasheet Search
  English  ▼

X  

TMUX1111 Datasheet(PDF) 29 Page - Texas Instruments

Part # TMUX1111
Description  TMUX111x 5V, Low-Leakage-Current, 1:1 (SPST), 4-Channel Precision Switches
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1111 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TMUX1111 Datasheet HTML 25Page - Texas Instruments TMUX1111 Datasheet HTML 26Page - Texas Instruments TMUX1111 Datasheet HTML 27Page - Texas Instruments TMUX1111 Datasheet HTML 28Page - Texas Instruments TMUX1111 Datasheet HTML 29Page - Texas Instruments TMUX1111 Datasheet HTML 30Page - Texas Instruments TMUX1111 Datasheet HTML 31Page - Texas Instruments TMUX1111 Datasheet HTML 32Page - Texas Instruments TMUX1111 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 44 page
background image
9.4 Power Supply Recommendations
The TMUX111x operate across a wide supply range of 1.08V to 5.5V. Do not exceed the absolute maximum
ratings because stresses beyond the listed ratings can cause permanent damage to the devices.
Power-supply bypassing improves noise margin and prevents switching noise propagation from the VDD
supply to other components. Good power-supply decoupling is important to achieve optimum performance.
For improved supply noise immunity, use a supply decoupling capacitor ranging from 0.1 μF to 10 μF from
VDD to ground. Place the bypass capacitors as close to the power supply pins of the device as possible using
low-impedance connections. TI recommends using multi-layer ceramic chip capacitors (MLCCs) that offer low
equivalent series resistance (ESR) and inductance (ESL) characteristics for power-supply decoupling purposes.
For very sensitive systems, or for systems in harsh noise environments, avoiding the use of vias for connecting
the capacitors to the device pins may offer superior noise immunity. The use of multiple vias in parallel lowers
the overall inductance and is beneficial for connections to ground planes.
9.5 Layout
9.5.1 Layout Guidelines
When a PCB trace turns a corner at a 90° angle, a reflection can occur. A reflection occurs primarily because of
the change of width of the trace. At the apex of the turn, the trace width increases to 1.414 times the width. This
increase upsets the transmission-line characteristics, especially the distributed capacitance and self–inductance
of the trace which results in the reflection. Not all PCB traces can be straight and therefore some traces
must turn corners.Figure 9-7 shows progressively better techniques of rounding corners. Only the last example
(BEST) maintains constant trace width and minimizes reflections.
WORST
BETTER
BEST
1W min.
W
Figure 9-7. Trace Example
Route high-speed signals using a minimum of vias and corners which reduces signal reflections and impedance
changes. When a via must be used, increase the clearance size around it to minimize its capacitance.
Each via introduces discontinuities in the signal’s transmission line and increases the chance of picking up
interference from the other layers of the board. Be careful when designing test points, through-hole pins are not
recommended at high frequencies.
www.ti.com
TMUX1111, TMUX1112, TMUX1113
SCDS408C – FEBRUARY 2019 – REVISED DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TMUX1111 TMUX1112 TMUX1113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com