Electronic Components Datasheet Search
  English  ▼

X  

TMUX1111 Datasheet(PDF) 11 Page - Texas Instruments

Part # TMUX1111
Description  TMUX111x 5V, Low-Leakage-Current, 1:1 (SPST), 4-Channel Precision Switches
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1111 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TMUX1111 Datasheet HTML 7Page - Texas Instruments TMUX1111 Datasheet HTML 8Page - Texas Instruments TMUX1111 Datasheet HTML 9Page - Texas Instruments TMUX1111 Datasheet HTML 10Page - Texas Instruments TMUX1111 Datasheet HTML 11Page - Texas Instruments TMUX1111 Datasheet HTML 12Page - Texas Instruments TMUX1111 Datasheet HTML 13Page - Texas Instruments TMUX1111 Datasheet HTML 14Page - Texas Instruments TMUX1111 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
6.7 Electrical Characteristics (VDD = 1.8V ±10 %) (continued)
at TA = 25°C, VDD = 1.8V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
DYNAMIC CHARACTERISTICS
tTRAN
Transition time between channels
VS = 1V
RL = 200 Ω, CL = 15pF
Refer to Transition time
25°C
25
ns
–40°C to +85°C
44
ns
–40°C to +125°C
44
ns
tOPEN
(BBM)
Break before make time
(TMUX1113 Only)
VS = 1V
RL = 200 Ω, CL = 15pF
Refer to Break-before-make
25°C
17
ns
–40°C to +85°C
1
ns
–40°C to +125°C
1
ns
QC
Charge Injection
VS = 1V
RS = 0 Ω, CL = 1nF
Refer to Charge injection
25°C
–0.5
pC
OISO
Off Isolation
RL = 50 Ω, CL = 5pF
f = 1MHz
Refer to Off isolation
25°C
–62
dB
RL = 50 Ω, CL = 5pF
f = 10MHz
Refer to Off isolation
25°C
–40
dB
XTALK
Crosstalk
RL = 50 Ω, CL = 5pF
f = 1MHz
Refer to Channel-to-Channel
Crosstalk
25°C
–100
dB
RL = 50 Ω, CL = 5pF
f = 10MHz
Refer to Channel-to-Channel
Crosstalk
25°C
–90
dB
BW
Bandwidth
RL = 50 Ω, CL = 5pF
Refer to Bandwidth
25°C
300
MHz
CSOFF
Source off capacitance
f = 1MHz
25°C
7
pF
CDOFF
Drain off capacitance
f = 1MHz
25°C
10
pF
CSON
CDON
On capacitance
f = 1MHz
25°C
17
pF
(1)
When VS is 1.62V, VD is 1V or when VS is 1V, VD is 1.62V.
www.ti.com
TMUX1111, TMUX1112, TMUX1113
SCDS408C – FEBRUARY 2019 – REVISED DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
11
Product Folder Links: TMUX1111 TMUX1112 TMUX1113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com