Electronic Components Datasheet Search
  English  ▼

X  

TMUX1111 Datasheet(PDF) 19 Page - Texas Instruments

Part # TMUX1111
Description  TMUX111x 5V, Low-Leakage-Current, 1:1 (SPST), 4-Channel Precision Switches
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TMUX1111 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TMUX1111 Datasheet HTML 15Page - Texas Instruments TMUX1111 Datasheet HTML 16Page - Texas Instruments TMUX1111 Datasheet HTML 17Page - Texas Instruments TMUX1111 Datasheet HTML 18Page - Texas Instruments TMUX1111 Datasheet HTML 19Page - Texas Instruments TMUX1111 Datasheet HTML 20Page - Texas Instruments TMUX1111 Datasheet HTML 21Page - Texas Instruments TMUX1111 Datasheet HTML 22Page - Texas Instruments TMUX1111 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 44 page
background image
7.5 Break-before-make
The TMUX1113 has break-before-make delay which allows the device to be used in cross-point switching
application. The output first breaks from the on-state switch before making the connection with the next on-state
switch. The time delay between the break and the make is known as break-before-make delay. Figure 7-5 shows
the setup used to measure break-before-make delay, denoted by the symbol tOPEN(BBM).
VDD
VSEL
0 V
VIH
VIL
90%
90%
Output 2
tBBM1
tBBM2
90%
Output 1
90%
0 V
0 V
tBBM= min (tBBM1, tBBM2)
VSEL
GND
VS
OUTPUT 1
RL
CL
S1, S4
D1, D4
SEL1 - SEL4
VS
OUTPUT 2
RL
CL
S2, S3
D2, D3
VDD
VDD
0.1 F
Figure 7-5. Break-Before-Make Delay Measurement Setup
7.6 Charge injection
The TMUX111x devices have a transmission-gate topology. Any mismatch in capacitance between the NMOS
and PMOS transistors results in a charge injected into the drain or source during the falling or rising edge of the
gate signal. The amount of charge injected into the source or drain of the device is known as charge injection,
and is denoted by the symbol QC. Figure 7-6 shows the setup used to measure charge injection from source
(Sx) to drain (Dx).
VOUT
Output
VS
0 V
VDD
QC = CL ×
VOUT
VSEL
GND
VS
OUTPUT
CL
S1
D1
SEL1 - SEL4
VS
S4
D4
VDD
VDD
0.1 F
VOUT
OUTPUT
CL
VOUT
VSEL
Figure 7-6. Charge-Injection Measurement Setup
www.ti.com
TMUX1111, TMUX1112, TMUX1113
SCDS408C – FEBRUARY 2019 – REVISED DECEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: TMUX1111 TMUX1112 TMUX1113



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com