Electronic Components Datasheet Search
  English  ▼

X  

ADF4383 Datasheet(PDF) 34 Page - Analog Devices

Part # ADF4383
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4383 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADF4383 Datasheet HTML 30Page - Analog Devices ADF4383 Datasheet HTML 31Page - Analog Devices ADF4383 Datasheet HTML 32Page - Analog Devices ADF4383 Datasheet HTML 33Page - Analog Devices ADF4383 Datasheet HTML 34Page - Analog Devices ADF4383 Datasheet HTML 35Page - Analog Devices ADF4383 Datasheet HTML 36Page - Analog Devices ADF4383 Datasheet HTML 37Page - Analog Devices ADF4383 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 80 page
background image
Data Sheet
ADF4383
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 34 of 80
Figure 65. Single-Ended CMOS (RSER Is the Series Resistance.)
Figure 66. Differential, Low Voltage, Positive Emitter-Coupled Logic
(LVPECL)
Figure 67. Differential LVDS
Figure 68. Differential CML
Reference Phase Noise
The ADF4383 achieves an in-band normalized phase noise floor of
LNORM = −239 dBc/Hz in integer mode and LNORM= −237 dBc/Hz in
fractional mode.
To calculate the equivalent input phase noise floor (LIN) use the
following formula:
LIN=LNORM+10×log10fREF
(22)
For example, a 100 MHz reference input frequency gives an LIN of
−157 dBc/Hz in fractional mode. The phase noise of the reference
frequency source must be at least 6 dB less than LIN to avoid
impacting and increasing the overall system phase noise.
To maintain typical LNORM performance, Table 7 provides criteria
for selecting the optimal REF_SEL (Register 0x030, Bit 5) setting
based on the input reference signal type and amplitude.
SYNC INPUT NETWORK
The SYNC input pins may be programmed for CML/LVPECL or
LVDS interfaces using the SYNC_SEL bit to support a range of in-
put SYNC signal levels. Figure 69 to Figure 72 show recommended
input networks to SYNC input pins.
Figure 69. DC-Coupled Differential CML (Set SYNC_SEL = 0)
Figure 70. DC-Coupled Differential LVPECL (Set SYNC_SEL = 0)
Figure 71. DC-Coupled Differential LVDS (Set SYNC_SEL = 1)
Figure 72. DC-Coupled 3.3 V Single-Ended Logic to LVDS Input (Set
SYNC_SEL = 1)
OUTPUT PHASE NOISE CHARACTERISTICS
In-Band Output Phase Noise
Use the following equations to calculate the in-band phase noise
floor (LOUT) produced at fOUT:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com