Electronic Components Datasheet Search
  English  ▼

X  

ADF4383 Datasheet(PDF) 11 Page - Analog Devices

Part # ADF4383
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4383 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADF4383 Datasheet HTML 7Page - Analog Devices ADF4383 Datasheet HTML 8Page - Analog Devices ADF4383 Datasheet HTML 9Page - Analog Devices ADF4383 Datasheet HTML 10Page - Analog Devices ADF4383 Datasheet HTML 11Page - Analog Devices ADF4383 Datasheet HTML 12Page - Analog Devices ADF4383 Datasheet HTML 13Page - Analog Devices ADF4383 Datasheet HTML 14Page - Analog Devices ADF4383 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 80 page
background image
Data Sheet
ADF4383
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
analog.com
Rev. 0 | 11 of 80
Table 6. Pin Function Descriptions (Continued)
Pin No.
Mnemonic
Description
32
CSB
Serial Port Chip Select. This CMOS input initiates a serial port communication burst when driven low, ending the
burst when driven back high.
33
SDIO
Serial Data Input/Output. CMOS input and output. When configured as an input, the serial port uses this CMOS
input for data. In 3-wire readback mode (default mode), the SDIO pin outputs data from the serial port during a
read communication burst.
34
SCLK
Serial Port Clock. This CMOS input clocks serial port input data on its rising edge.
35
SDO
Optional Serial Data Output. In 3-wire mode (default mode), this three-state CMOS pin remains in a high
impedance state. In 4-wire readback mode, the SDO pin presents data from the serial port during a read
communication burst. When the CSB is de-asserted, SDO returns to a high impedance. Optionally, attach a
resistor of >200 kΩ to prevent a floating output.
36
V3_LDO
3.15 V to 3.45 V Positive Power Supply Pin for the Internal Low Dropout (LDO) Regulator Circuitry. Short the
V3_LDO pin to the other pins in the 3.3 V Power Supply Group 1.
37
MUXOUT
Internal Device Multiplexor Output. This output pin can be connected to multiple internal nodes for factory test and
debug purposes.
38, 39
SYNCP, SYNCN
Synchronization Input Signals. Both RF output signals are synchronized to an input signal at these pins. SYNCP
and SYNCN are used for multichip phase synchronization. This differential input can accept both high and low
common-mode input signals (based on the SPI bit setting).
40
V3_SYNC
3.15 V to 3.45 V Positive Power Supply. Short the V3_SYNC pin to the other pins in the 3.3 V Power Supply Group
1.
42, 43
REFP, REFN
Reference Input Signals. These differential inputs are buffered with a low noise amplifier (LNA) ideally suited for
high slew rates (default mode). For low slew rate reference input signals, an alternate LNA can be selected via
the serial port. Reference inputs are self biased and must be AC-coupled with 1 μF capacitors. Reference inputs
accept differential or single-ended inputs. See the Reference Input Network section for more details.
44
V3_REF
3.15 V to 3.45 V Positive Power Supply Pin for the PLL Reference Circuitry. Short the V3_REF pin to the other
pins in the 3.3 V Power Supply Group 1.
45
V3_PFD
3.15 V to 3.45 V Positive Power Supply Pin for PFD Circuitry. Short the V3_PFD pin to the other pins in the 3.3 V
Power Supply Group 1.
46
V5_CP
4.75 V to 5.25 V Positive Power Supply Pin for Charge Pump Circuitry. Isolate the V5_CP pin from the V5_VCO
supply plane.
47
CP
Charge Pump Output. This bidirectional current output is normally connected to the external loop filter.
Exposed Pad
GND
Negative Power Supply (Ground). The package exposed pad must be soldered directly to the PCB land. The PCB
land pattern must have multiple thermal vias to the ground plane for both low ground inductance and low thermal
resistance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com