Electronic Components Datasheet Search
  English  ▼

X  

ADF4383 Datasheet(PDF) 80 Page - Analog Devices

Part # ADF4383
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4383 Datasheet(HTML) 80 Page - Analog Devices

Back Button ADF4383 Datasheet HTML 72Page - Analog Devices ADF4383 Datasheet HTML 73Page - Analog Devices ADF4383 Datasheet HTML 74Page - Analog Devices ADF4383 Datasheet HTML 75Page - Analog Devices ADF4383 Datasheet HTML 76Page - Analog Devices ADF4383 Datasheet HTML 77Page - Analog Devices ADF4383 Datasheet HTML 78Page - Analog Devices ADF4383 Datasheet HTML 79Page - Analog Devices ADF4383 Datasheet HTML 80Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 80 / 80 page
background image
Data Sheet
ADF4383
OUTLINE DIMENSIONS
©2025 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
One Analog Way, Wilmington, MA 01887-2356, U.S.A.
Rev. 0 | 80 of 80
Package Drawing (Option)
Package Type
Package Description
CC-48-10
LGA
48-Terminal Land Grid Array Package
For the latest package outline information and land patterns (footprints), go to Package Index.
Updated: February 21, 2024
ORDERING GUIDE
Model1
Temperature Range
Package Description
Packing Quantity
Package Option
ADF4383BCCZ
−40°C to +105°C
48-Terminal Land Grid Array Package [LGA]
Tray, 260
CC-48-10
ADF4383BCCZ-RL7
−40°C to +105°C
48-Terminal Land Grid Array Package [LGA]
Reel, 500
CC-48-10
1 Z = RoHS Compliant Part.
EVALUATION BOARDS
Model1
Description
EV-ADF4383SD1Z
Evaluation Board
1 Z = RoHS Compliant Part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com