Electronic Components Datasheet Search
  English  ▼

X  

ADF4383 Datasheet(PDF) 13 Page - Analog Devices

Part # ADF4383
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4383 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADF4383 Datasheet HTML 9Page - Analog Devices ADF4383 Datasheet HTML 10Page - Analog Devices ADF4383 Datasheet HTML 11Page - Analog Devices ADF4383 Datasheet HTML 12Page - Analog Devices ADF4383 Datasheet HTML 13Page - Analog Devices ADF4383 Datasheet HTML 14Page - Analog Devices ADF4383 Datasheet HTML 15Page - Analog Devices ADF4383 Datasheet HTML 16Page - Analog Devices ADF4383 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 80 page
background image
Data Sheet
ADF4383
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 13 of 80
Figure 13. Open-Loop VCO Phase Noise Across Output Frequency at
10 MHz Offset
Figure 14. Open-Loop VCO Phase Noise Across Output Frequency at
100 MHz Offset
Figure 15. Closed-Loop Phase Noise vs. Offset Frequency at RFOUT = 14
GHz Across Temperatures
Figure 16. Closed-Loop Phase Noise vs. Offset Frequency at RFOUT = 20
GHz VCO Frequency Across Temperatures
Figure 17. Closed-Loop Phase Noise vs. Offset Frequency at 19.9 GHz VCO
Frequency Across Temperatures
Figure 18. 1 kHz to 100 MHz Integrated Jitter in Integer Mode,
fPFD = 500 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com