Electronic Components Datasheet Search
  English  ▼

X  

ADF4383 Datasheet(PDF) 20 Page - Analog Devices

Part # ADF4383
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4383 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADF4383 Datasheet HTML 16Page - Analog Devices ADF4383 Datasheet HTML 17Page - Analog Devices ADF4383 Datasheet HTML 18Page - Analog Devices ADF4383 Datasheet HTML 19Page - Analog Devices ADF4383 Datasheet HTML 20Page - Analog Devices ADF4383 Datasheet HTML 21Page - Analog Devices ADF4383 Datasheet HTML 22Page - Analog Devices ADF4383 Datasheet HTML 23Page - Analog Devices ADF4383 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 80 page
background image
Data Sheet
ADF4383
THEORY OF OPERATION
analog.com
Rev. 0 | 20 of 80
OUTPUT FREQUENCY
When the loop is locked, the fVCO (in Hz) produced at the output of
the VCO is determined by fREF and the O, R, and N values given by
the following equation.
fVCO=fREF×D×N×OR
(1)
where:
fREF is the reference frequency.
D is the reference doubler.
R is the reference divider.
O is the output divider.
fPFD is given by the following:
fPFD=fREF × DR
(2)
and fVCO can be alternatively expressed as follows:
fVCO=fPFD×N×O
(3)
The output frequency, fRFOUT, produced at the output of the output
divider is given by the following:
fRFOUT=fVCOO
(4)
N is the feedback divider and is given by the following:
N=NINT+FRAC1WORD+FRAC2WORD
MOD
2WORD
MOD
1WORD
(5)
CIRCUIT DESCRIPTION
Reference Input Buffer
The reference frequency of the PLL is applied differentially on
the REFP and REFN pins. These high impedance inputs are self
biased and must be AC-coupled with 1 µF capacitors (see Figure
46 for a simplified schematic). Alternatively, the inputs can be used
single ended by applying the reference frequency at REFP and
bypassing REFN to GND with a 1 µF capacitor.
Figure 46. Reference Input Stage
A high quality signal must be applied to the REFP and REFN inputs
as these inputs provide the frequency reference to the entire PLL.
To achieve the in-band phase noise performance of the ADF4383,
apply a continuous wave signal or a square wave with a slew rate
of at least 1000 V/µs. See the Reference Source Considerations
section for more information on reference input signal requirements
and interfacing.
The REF_SEL bit (Register 0x030, Bit 5) can be set to either a
CML reference input or sine wave or slow slew-rate reference input.
When REF_SEL is set to 0, the delay matched amplifier (DMA)
buffer is selected. The DMA is optimized for high slew rate signals,
such as square waves or higher frequency and higher amplitude
sine waves. The DMA has a controlled propagation delay from the
reference input to clock output, which eases time zero and over
temperature multichip clock alignment.
When the REF_SEL bit is set to 1, the LNA is selected. The LNA
is optimized for low slew rate signals, such as lower frequency or
lower amplitude sine waves.
The REF_SEL bit must be set correctly to optimize the in-band
phase noise performance and propagation delay, tPD. See Table 7
for recommended settings.
Table 7. REF_SEL Programming
REF_SEL
Sine Wave Slew Rate (V/µs) Square Wave
Optimized tPD
0
≥1000
Preferred
Yes
1
<1000
Not applicable
Not applicable
To calculate the slew rate of a sine wave, use the following equa-
tion:
Slew
 Rate = 2 × π × f × V
(6)
where:
f is the sine wave frequency.
V is the sine wave amplitude (in V peak)
The FILT_REF bit (Register 0x02F, Bit 6) controls the reference
input LPF of the LNA and must be set only for sine wave signals
less than 20 MHz to limit the wideband noise of the reference. The
FILT_REF bit must be set correctly to reach the normalized in-band
phase noise floor (LNORM). Square wave inputs have FILT_REF set
to 0. Table 8 shows the recommended settings.
Table 8. FILT_REF Programming
FILT_REF
Sine Wave fREF (MHz)
Square Wave fREF
0
≥20
All fREF
1
<20
Not applicable
The BST_REF bit (Register 0x02F, Bit 7) must be set based upon
the input signal level to prevent the LNA reference input buffer
from saturating. The BST_REF programming is the same whether
the input is a sine wave or a square wave. See Table 9 for
recommended settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com