Electronic Components Datasheet Search
  English  ▼

X  

ADF4383 Datasheet(PDF) 21 Page - Analog Devices

Part # ADF4383
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4383 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADF4383 Datasheet HTML 17Page - Analog Devices ADF4383 Datasheet HTML 18Page - Analog Devices ADF4383 Datasheet HTML 19Page - Analog Devices ADF4383 Datasheet HTML 20Page - Analog Devices ADF4383 Datasheet HTML 21Page - Analog Devices ADF4383 Datasheet HTML 22Page - Analog Devices ADF4383 Datasheet HTML 23Page - Analog Devices ADF4383 Datasheet HTML 24Page - Analog Devices ADF4383 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 80 page
background image
Data Sheet
ADF4383
THEORY OF OPERATION
analog.com
Rev. 0 | 21 of 80
Table 9. BST_REF Programming
BST_REF
Sine Wave fREF (Vref)
0
≥1.4 V p-p
1
<1.4 V p-p
Reference Peak Detector
A reference input peak detection circuit is provided on the REFP
and REFN inputs to detect the presence of a reference signal and
provides the REF_OK status flag available through Bit 3, Register
0x058. The circuit has hysteresis to prevent the REF_OK flag from
chattering at the detection threshold.
The peak detector approximates an RMS detector; therefore, sine
and square wave inputs give different detection thresholds by a
factor of 4/π. See Table 10 for REF_OK detection values.
Table 10. REF_OK Status Output vs. Reference Input
REF_OK
Sine Wave fREF (mV p-p)
Square Wave fREF (mV p-p)
1
≥200
≥155
0
<180
<140
Reference Divider (R) and Doubler (D)
When the EN_RDBLR bit (Register 0x020, Bit 6) is set to 1, a
frequency multiplier is used to double the frequency driven to the
reference divider. A 6-bit divider, R_DIV (Register 0x020, Bits[5:0]),
in series with reference doubler is used to reduce the frequency
seen at the PFD. Its divide ratio, R, can be set to any integer from
1 to 63, inclusive. Use the R_DIV bits to directly program the R-di-
vide ratio. See the Output Frequency section for the relationship
between R and D and the fREF, fPFD, fVCO, and fRFOUT frequencies.
When using the reference doubler, refer to Table 11 for the required
bit field settings that must be used for optimal jitter performance.
Target reference frequency refers to the reference frequency after
the doubler stage.
Table 11. Reference Doubler Settings
Target
Reference
Frequency
RDBLR_DEL_SEL
RDBLR_DC
INV_RDBLR
<1 GHz
1
0
0
≤1.6 GHz
3
7
1
1.6 GHz to
4.5 GHz
1
0
1
Phase/Frequency Detector (PFD)
The PFD, in conjunction with the charge pump, produces source
and sink current pulses proportional to the phase difference be-
tween the outputs of the reference divider or reference doubler and
feedback divider. These source and sink pulses are required to
phase lock the loop, forcing a phase alignment at the inputs of the
PFD. See Figure 47 for a simplified schematic of the PFD.
Figure 47. Simplified PFD Schematic
Charge Pump
The charge pump, controlled by the PFD, forces sink (down) or
source (up) current pulses onto the CP pin, which must be connect-
ed to an appropriate loop filter. See Figure 48 for a simplified
schematic of the charge pump.
Figure 48. Simplified Charge Pump Schematic
The output current magnitude ICP can be set from 0.79 mA to 11.1
mA using the CP_I bits (Register 0x001F, Bits[3:0]). A larger ICP
can result in lower in-band noise due to the lower impedance of
the loop filter components, while a smaller ICP can result in better
spurious performance. See Table 12 for charge pump programming
values.
Table 12. CP Programming
CP_I, Bits[3:0]
ICP (mA)
0
0.79
1
0.99
2
1.19
3
1.38
4
1.59
5
1.98
6
2.39
7
2.79
8
3.18
9
3.97
10
4.77
11
5.57
12
6.33
13
7.91



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com