Electronic Components Datasheet Search
  English  ▼

X  

ADF4383 Datasheet(PDF) 69 Page - Analog Devices

Part # ADF4383
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4383 Datasheet(HTML) 69 Page - Analog Devices

Back Button ADF4383 Datasheet HTML 65Page - Analog Devices ADF4383 Datasheet HTML 66Page - Analog Devices ADF4383 Datasheet HTML 67Page - Analog Devices ADF4383 Datasheet HTML 68Page - Analog Devices ADF4383 Datasheet HTML 69Page - Analog Devices ADF4383 Datasheet HTML 70Page - Analog Devices ADF4383 Datasheet HTML 71Page - Analog Devices ADF4383 Datasheet HTML 72Page - Analog Devices ADF4383 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 80 page
background image
Data Sheet
ADF4383
REGISTER MAP
analog.com
Rev. 0 | 69 of 80
Table 166. Bit Descriptions for REG0224
Bits
Bit Name
Description
Reset
Access
[7:0]
LUT_BAND_16[7:0]
Band 16 selected by the LUT.
0x0
R
Address: 0x225, Reset: 0x00, Name: REG0225
Table 167. Bit Descriptions for REG0225
Bits
Bit Name
Description
Reset
Access
[7:2]
RESERVED
Reserved.
0x0
R
1
LUT_CORE[16]
Core selected by the LUT.
0x0
R
0
LUT_BAND_16[8]
Band 16 selected by the LUT.
0x0
R
Address: 0x226, Reset: 0x00, Name: REG0226
Table 168. Bit Descriptions for REG0226
Bits
Bit Name
Description
Reset
Access
[7:0]
LUT_BAND_17[7:0]
Band 17 selected by the LUT.
0x0
R
Address: 0x227, Reset: 0x00, Name: REG0227
Table 169. Bit Descriptions for REG0227
Bits
Bit Name
Description
Reset
Access
[7:2]
RESERVED
Reserved.
0x0
R
1
LUT_CORE[17]
Core selected by the LUT.
0x0
R
0
LUT_BAND_17[8]
Band 17 selected by the LUT.
0x0
R
Address: 0x228, Reset: 0x00, Name: REG0228
Table 170. Bit Descriptions for REG0228
Bits
Bit Name
Description
Reset
Access
[7:0]
LUT_BAND_18[7:0]
Band 18 selected by the LUT.
0x0
R
Address: 0x229, Reset: 0x00, Name: REG0229
Table 171. Bit Descriptions for REG0229
Bits
Bit Name
Description
Reset
Access
[7:2]
RESERVED
Reserved.
0x0
R
1
LUT_CORE[18]
Core selected by the LUT.
0x0
R
0
LUT_BAND_18[8]
Band 18 selected by the LUT.
0x0
R
Address: 0x22A, Reset: 0x00, Name: REG022A
Table 172. Bit Descriptions for REG022A
Bits
Bit Name
Description
Reset
Access
[7:0]
LUT_BAND_19[7:0]
Band 19 selected by the LUT.
0x0
R
Address: 0x22B, Reset: 0x00, Name: REG022B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com