Electronic Components Datasheet Search
  English  ▼

X  

ADF4383 Datasheet(PDF) 24 Page - Analog Devices

Part # ADF4383
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4383 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADF4383 Datasheet HTML 20Page - Analog Devices ADF4383 Datasheet HTML 21Page - Analog Devices ADF4383 Datasheet HTML 22Page - Analog Devices ADF4383 Datasheet HTML 23Page - Analog Devices ADF4383 Datasheet HTML 24Page - Analog Devices ADF4383 Datasheet HTML 25Page - Analog Devices ADF4383 Datasheet HTML 26Page - Analog Devices ADF4383 Datasheet HTML 27Page - Analog Devices ADF4383 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 80 page
background image
Data Sheet
ADF4383
THEORY OF OPERATION
analog.com
Rev. 0 | 24 of 80
Lock Detector
The lock detector uses internal signals from the PFD to measure
the phase difference between the output signal of the reference
divider and doubler (RCLK) and the output signal of the feedback
divider (NCLK) in Figure 47. This detector is enabled by setting
both the EN_LOL and EN_LDWIN bits (Register 0x02D, Bit 5 and
Bit 4, respectively) to 1 and presents the lock detector output on
the LKDET pin (Pin 27) and the LOCKED bit (Register 0x58, Bit 0).
The lock detector output can also be presented on the MUXOUT
pin (Pin 37 by programming the MUXOUT bits in Register 0x2E,
Bits[7:4], to b0001).
The PFD RCLK and NCLK phase difference must be less than the
phase difference lock window time, tLDWIN, for a set number of PFD
cycles before the lock detector output indicates the PLL has locked.
The desired number of PFD cycles vary depending on whether the
lock detect accuracy or speed is prioritized. Five loop filter time
constants can be used as an initial estimate of the desired number
of PFD cycles, as shown in the following equation:
PFD
 Cycles= 52×π×LFBW×fPFD
(11)
where LFBW means loop filter bandwidth.
Note that LD_COUNT bits (Register 0x02C, Bits[4:0]) are used to
select the desired number of PFD cycles. Use Table 15 to select the
LD_COUNT value for the desired number of PFD cycles.
Table 15. LD_COUNT Programming
LD_COUNT[4:0]
PFD Cycles
0
27
1
35
2
51
3
67
4
99
5
131
6
195
7
259
8
387
9
515
10
771
11
1027
12
1539
13
2051
14
3075
15
4099
16
6147
17
8195
18
12291
19
16387
20
24579
21
32771
22
49155
Table 15. LD_COUNT Programming (Continued)
LD_COUNT[4:0]
PFD Cycles
23
65539
24
98307
25
131075
26
196611
27
262147
28
393219
29
524291
30
786345
31
1048579
Figure 50. Lock Detector Timing, Bleed Current Disabled
Table 16. Lock Detector Timing, Bleed Current Disabled
Region
Absolute Phase
Difference at PFD
Lock Detector State
1
>tLDWIN
Low
2
<tLDWIN
Low, counts PFD cycles
3
~0
Low, counts PFD cycles
4
~0
High, greater than or equal to the desired
PFD cycle count
5
<tLDWIN
High
6
>tLDWIN
Low (immediately)
When the charge pump bleed current is enabled, a phase offset is
applied to the PFD inputs. This phase offset, tIDEL, is proportional to
the amount of bleed current. Region 3 and Region 4 in Figure 50
and Figure 51 highlight the PFD phase difference the PLL settles
to when the charge pump bleed current is disabled or enabled,
respectively.
Figure 51. Lock Detector Timing, Bleed Current Enabled
For proper operation of the lock detector, the absolute value of tIDEL
must be less than tLDWIN. The user sets the phase difference lock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com