Electronic Components Datasheet Search
  English  ▼

X  

ML22Q623 Datasheet(PDF) 1 Page - Rohm

Part # ML22Q623
Description  4-Channel Mixin g Speec h Synthesis LSI with Built-in Flash M emory
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q623 Datasheet(HTML) 1 Page - Rohm

  ML22Q623 Datasheet HTML 1Page - Rohm ML22Q623 Datasheet HTML 2Page - Rohm ML22Q623 Datasheet HTML 3Page - Rohm ML22Q623 Datasheet HTML 4Page - Rohm ML22Q623 Datasheet HTML 5Page - Rohm ML22Q623 Datasheet HTML 6Page - Rohm ML22Q623 Datasheet HTML 7Page - Rohm ML22Q623 Datasheet HTML 8Page - Rohm ML22Q623 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 118 page
background image
FEDL22Q62X-02
Issue date: Jul 17, 2020
ML22Q623 / ML22Q624 / ML22Q625 / ML22Q626
4-Channel Mixing Speech Synthesis LSI with Built-in Flash Memory
■ Overview
ML22Q623/ML22Q624/ML22Q625/ML22Q626 is a 4-channel mixing speech synthesis LSI with a flash memory for sound
data. It is equipped with a clock synchronous serial interface.
It adopts a HQ-ADPCM
*1, 16-bit D/A converter, and low-pass filter for high sound quality, and incorporates a 1.0W mono
speaker amplifier for driving speakers directly. It is also equipped with a function to detect failure.
The functions necessary for sound output are integrated into a single chip, so that sound functions can be realized simply by
adding this LSI.
● Memory capacity and maximum sound production time (HQ-ADPCM*1 algorithm, registered phrase 1024)
Product Name
Flash memory capacity
Maximum sound production time (sec)
fs=8.0kHz
fs =16.0kHz
fs =32.0kHz
ML22Q623
4Mbits
161
81
40
ML22Q624
8Mbits
325
162
81
ML22Q625
16Mbits
652
326
163
ML22Q626
32Mbits
1308
654
327
Application Circuit
HOST
MCU
16bit
DAC
Filter
Volume
MIX
SPI
Analog Signal
MIX
Decode
Speaker
AMP
FLASH
MEMORY
*1
HQ-ADPCM is "Ky's" high-quality audio compression technique.
"Ky's" is a registered trademark of Kyushu Institute of Technology, a
national university corporation.


Similar Part No. - ML22Q623

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML22Q374 ETC2-ML22Q374 Datasheet
502Kb / 35P
ADPCM Speech Synthesis LSI
ML22Q394 ETC2-ML22Q394 Datasheet
639Kb / 42P
ADPCM Speech Synthesis LSI
logo
OKI electronic componet...
ML22Q54 OKI-ML22Q54 Datasheet
199Kb / 31P
2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML22Q54GA OKI-ML22Q54GA Datasheet
623Kb / 36P
2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
logo
List of Unclassifed Man...
ML22Q553 ETC2-ML22Q553 Datasheet
1Mb / 69P
4-Channel Mixing Speech Synthesis LSI
More results

Similar Description - ML22Q623

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9836 OKI-MSM9836 Datasheet
167Kb / 24P
Voice Synthesis IC with Built-in Mask ROM
logo
List of Unclassifed Man...
ML22825-XXX ETC2-ML22825-XXX Datasheet
1Mb / 63P
Speech Synthesis LSI with Built-in P2ROM Including 2-Channel Mixing Function
ML22Q553-NNNMB ETC2-ML22Q553-NNNMB Datasheet
1Mb / 69P
4-Channel Mixing Speech Synthesis LSI
ML22Q563-NNNMB ETC2-ML22Q563-NNNMB Datasheet
1Mb / 66P
4-Channel Mixing Speech Synthesis LSI
ML22Q573-NNNMB ETC2-ML22Q573-NNNMB Datasheet
1Mb / 66P
4-Channel Mixing Speech Synthesis LSI
ML2282X-XXX ETC2-ML2282X-XXX Datasheet
1Mb / 63P
Speech Synthesis LSI with Built-in P2ROM Including 2-Channel Mixing Function
FEDL22Q553-04 ETC2-FEDL22Q553-04 Datasheet
1Mb / 70P
4-Channel Mixing Speech Synthesis LSI with Built-in FLASH ROM for Automotive
FEDL2256X-08 ETC2-FEDL2256X-08 Datasheet
1Mb / 67P
4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM
FEDL2257X-07 ETC2-FEDL2257X-07 Datasheet
1Mb / 67P
4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM for Automotive
FEDL22594-04 ETC2-FEDL22594-04 Datasheet
895Kb / 73P
4-Channel Mixing Speech Synthesis LSI with Built-in MASK ROM for Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com