Electronic Components Datasheet Search
  English  ▼

X  

ML22Q623 Datasheet(PDF) 80 Page - Rohm

Part # ML22Q623
Description  4-Channel Mixin g Speec h Synthesis LSI with Built-in Flash M emory
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q623 Datasheet(HTML) 80 Page - Rohm

Back Button ML22Q623 Datasheet HTML 76Page - Rohm ML22Q623 Datasheet HTML 77Page - Rohm ML22Q623 Datasheet HTML 78Page - Rohm ML22Q623 Datasheet HTML 79Page - Rohm ML22Q623 Datasheet HTML 80Page - Rohm ML22Q623 Datasheet HTML 81Page - Rohm ML22Q623 Datasheet HTML 82Page - Rohm ML22Q623 Datasheet HTML 83Page - Rohm ML22Q623 Datasheet HTML 84Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 118 page
background image
FEDL22Q62X-02
ML22Q62X
RDSTAT command
・ Command
1
0
1
1
0
0
0
0
1st byte
The RDSTAT command reads the internal operating states. This command can be input regardless of the NCR signal status.
When reading the status of the second byte after command input, set the SI pin to "L".
The internal operating states read in the second byte are as follows:
2nd byte
D7
D6
D5
D4
D3
D2
D1
D0
Output data
BUSYB3
BUSYB2
BUSYB1
BUSYB0
NCR3
NCR2
NCR1
NCR0
The NCR signal outputs "L" during command processing and playback standby, and outputs "H" in other states.
The BUSYB signal outputs "L" during command processing and playback sound, and outputs "H" in other states.
D7 to D0
Description
BUSYB3
BUSYB outputs of channel 3
BUSYB2
BUSYB outputs of channel 2
BUSYB1
BUSYB outputs of channel 1
BUSYB0
BUSYB outputs of channel 0
NCR3
NCR output of channel 3
NCR2
NCR output of channel 2
NCR1
NCR output of channel 1
NCR0
NCR output of channel 0
For the timing of the RDSTAT command, refer to the "RDSTAT command timing" in the timing chart.
80/118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com