Electronic Components Datasheet Search
  English  ▼

X  

ML22Q623 Datasheet(PDF) 73 Page - Rohm

Part # ML22Q623
Description  4-Channel Mixin g Speec h Synthesis LSI with Built-in Flash M emory
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q623 Datasheet(HTML) 73 Page - Rohm

Back Button ML22Q623 Datasheet HTML 69Page - Rohm ML22Q623 Datasheet HTML 70Page - Rohm ML22Q623 Datasheet HTML 71Page - Rohm ML22Q623 Datasheet HTML 72Page - Rohm ML22Q623 Datasheet HTML 73Page - Rohm ML22Q623 Datasheet HTML 74Page - Rohm ML22Q623 Datasheet HTML 75Page - Rohm ML22Q623 Datasheet HTML 76Page - Rohm ML22Q623 Datasheet HTML 77Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 118 page
background image
FEDL22Q62X-02
ML22Q62X
START command
・ Command
0
1
0
1
CH3
CH2
CH1
CH0
1st byte
The START command starts playing back the specified channels. Specify the phrase to be played by the FADR command
prior to entering the START command. Setting the CH0 to CH3 bit to 1 plays back the corresponding channel. This
command can be input when the NCR signal of the corresponding channel is "H" level.
The channel settings are as follows:
Channeled
Description
CH0
When this bit is set to 1, channel 0 is played back.
CH1
When this bit is set to 1, channel 1 is played back.
CH2
When this bit is set to 1, channel 2 is played back.
CH3
When this bit is set to 1, channel 3 is played back.
Be sure to specify one of the channels for the channel setting (CH0-CH3).
Do not input it to "0" (all “0”) with specifying nothing. If it is input with specifying nothing (all "0"), the command is ignored.
For the playback start timing by the START command, refer to the "Playback start timing by START command" in the
timing chart.
For the timing of continuous playback, refer to the "Continuous playback timing by START command" in the timing chart.
73/118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com