Electronic Components Datasheet Search
  English  ▼

X  

ML22Q623 Datasheet(PDF) 24 Page - Rohm

Part # ML22Q623
Description  4-Channel Mixin g Speec h Synthesis LSI with Built-in Flash M emory
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q623 Datasheet(HTML) 24 Page - Rohm

Back Button ML22Q623 Datasheet HTML 20Page - Rohm ML22Q623 Datasheet HTML 21Page - Rohm ML22Q623 Datasheet HTML 22Page - Rohm ML22Q623 Datasheet HTML 23Page - Rohm ML22Q623 Datasheet HTML 24Page - Rohm ML22Q623 Datasheet HTML 25Page - Rohm ML22Q623 Datasheet HTML 26Page - Rohm ML22Q623 Datasheet HTML 27Page - Rohm ML22Q623 Datasheet HTML 28Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 118 page
background image
FEDL22Q62X-02
ML22Q62X
Different sampling frequency mixing algorithm
It is not possible to perform channel mixing by a different sampling frequency group.
Note that when channel synthesis is performed on a sampling frequency group other than the selected sampling frequency
group, playback will be faster or slower.
The following table lists the frequency group that can be used when mixing different sampling frequency groups.
6.4kHz, 12.8kHz, 25.6kHz
... (Group 1)
8.0kHz, 16.0kHz, 32.0kHz
... (Group 2)
11.025kHz, 22.05kHz, 44.1kHz
... (Group 3)
12.0kHz, 24.0kHz, 48.0kHz
... (Group 4)
10.7kHz, 21.3kHz
... (Group 5)
The figure below shows the operation image when a sampling frequency group with different sampling frequency group is
played back.
Figure 1) Case where a phrase is played at a sampling frequency belonging to a different
sampling frequency group during playback on channels 1 and 2
Figure 2) Case where a phrase is played at a sampling frequency belonging to a different
sampling frequency group after playback is finished at the other channel
Channel 1
Channel 2
Playback at
fs=16.0kHz
Playback at fs = 25.6kHz
Playback at fs = 25.6kHz
Channel 1
Channel 2
Playback at
fs=16.0kHz
Switch to playback at fs=12.8kHz.
24/118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com