Electronic Components Datasheet Search
  English  ▼

X  

ML22Q623 Datasheet(PDF) 12 Page - Rohm

Part # ML22Q623
Description  4-Channel Mixin g Speec h Synthesis LSI with Built-in Flash M emory
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q623 Datasheet(HTML) 12 Page - Rohm

Back Button ML22Q623 Datasheet HTML 8Page - Rohm ML22Q623 Datasheet HTML 9Page - Rohm ML22Q623 Datasheet HTML 10Page - Rohm ML22Q623 Datasheet HTML 11Page - Rohm ML22Q623 Datasheet HTML 12Page - Rohm ML22Q623 Datasheet HTML 13Page - Rohm ML22Q623 Datasheet HTML 14Page - Rohm ML22Q623 Datasheet HTML 15Page - Rohm ML22Q623 Datasheet HTML 16Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 118 page
background image
FEDL22Q62X-02
ML22Q62X
● Analog Part Characteristics
SPVDD
≥DV
DD=IOVDD=2.7 to 5.5V, DGND=SPGND=0V, Ta=-40 to +70°C, Load capacitance of output pin =15pF(max.)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
RC4MHz clock frequency
Frc
Ta=-40 to +70°C
3.89
4.096
4.31
MHz
AIN pin input resistance
RAIN
Input gain 0dB
10
20
30
kΩ
AIN pin input voltage range
VAIN
—
—
—
SPVDD×2/3
Vp-p
Line amplifier output
resistance1
*1
RLA1
SPVDD = 3.3 to 5.5V
When 1/2SPVDD ± 1 mA is
applied
—
—
100
Ω
Line amplifier output
resistance2
*1
RLA2
SPVDD = 2.7 to 3.6V
When 1/2SPVDD ± 1 mA is
applied
—
—
300
Ω
Line amplifier
output-load-resistance
*1
RLA
For SPGND
10
—
—
kΩ
Line amplifier Out put Voltage
Range
*1
VAO
No output load
SPVDD /6
—
SPVDD×5/6
V
SG pin output voltage
VSG
—
0.95x
SPVDD /2
SPVDD /2
1.05x
SPVDD /2
V
SG pin output resistance
RSG
—
57
96
135
kΩ
SPP/SPM pins Output-Load
Resistance
RLSP1
—
6
8
—
Ω
To the SPP and SPM pins
Short circuit detection
ROCDAB
Class AB speaker amplifier
4.5V
≤SPVDD≤5.5V
0.1
—
6
Ω
ROCDD
Class D speaker amplifier
4.5V
≤SPVDD≤5.5V
0.1
—
3
Ω
Speaker amplifier output power
1
PSPO1
SPVDD =5.0V,
f=1kHz RSPO
=8Ω,
THD=10%
0.8
1
—
W
Speaker amplifier output power
2
PSPO2
SPVDD =3.0V,
f=1kHz RSPO
=8Ω,
THD=10%
0.1
0.3
—
W
During no-signal SPM-SPP
Output offset voltage
VOF
AVOL=0dB
8 Ω load
-50
—
50
mV
*1 Applies to the SPP when outputting LINE.
12/118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com