Electronic Components Datasheet Search
  English  ▼

X  

ML22Q623 Datasheet(PDF) 34 Page - Rohm

Part # ML22Q623
Description  4-Channel Mixin g Speec h Synthesis LSI with Built-in Flash M emory
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q623 Datasheet(HTML) 34 Page - Rohm

Back Button ML22Q623 Datasheet HTML 30Page - Rohm ML22Q623 Datasheet HTML 31Page - Rohm ML22Q623 Datasheet HTML 32Page - Rohm ML22Q623 Datasheet HTML 33Page - Rohm ML22Q623 Datasheet HTML 34Page - Rohm ML22Q623 Datasheet HTML 35Page - Rohm ML22Q623 Datasheet HTML 36Page - Rohm ML22Q623 Datasheet HTML 37Page - Rohm ML22Q623 Datasheet HTML 38Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 118 page
background image
FEDL22Q62X-02
ML22Q62X
Detects the stop of clock input from a crystal resonator or ceramic resonator
Set the "Detects the stop of clock input from a crystal resonator or ceramic resonator" with the OSCEN bit of the SAFE
command.
When the clock input from the crystal resonator or the ceramic resonator is stopped, the error bit (OSCERR) is set to "1".
At the same time, the clock backup function is activated and the clock is automatically switched to the RC oscillator circuit
(4.096MHz).
Error bit (OSCERR) can be read with RDERR command. However, if the RDERR command (first byte) is inputted before
the crystal or ceramic resonator stops and switches to RC oscillation (about 500
μs), the CBUSYB pin will remain "L".
Therefore, read the command after the CBUSYB pin becomes "H". Also, error bit (OSCERR) can be cleared by ERRCL
command. However, if the clock input from the crystal resonator or the ceramic resonator continues to be stopped while the
OSCEN bit of the SAFE command is "1", the error bit (OSCERR) is set to "1".
When the crystal resonator or the ceramic resonator stops and switches to RC oscillation, playback may become abnormal.
Therefore, after confirming that the error bit (OSCERR) is "1", enter STOP command to stop playback.
If the clock input from the crystal resonator or the ceramic resonator is stopped while the OSCEN bit is "0", the error bit
(OSCERR) does not change to "1", but the clock backup function is activated and the clock backup circuit is automatically
switched to the RC oscillator circuit (4.096MHz).
*1 Set OSCEN = "1"
*2 Set OSCEN = "0"
*3 Misoperation detection and failure detection outputs are selected by OUTSTAT command.
<When the OSCEN bit of SAFE command continue to be "1">
*1 Set OSCEN = "1"
*2 Misoperation detection and failure detection outputs are selected by OUTSTAT command.
Command
OSCERR
Error bit (OSCERR) is operating
STATUSn pin
*3
(n:1 or 2)
PUP
SAFE
*1
ERRCL
SAFE
*2
OSC0 pin
OSC1 pin
Normal oscillation state
Oscillation stopped state
Normal oscillation state
Internal clock
X’tal or
Ceramic resonator
RC oscillation
(Clock backup state)
X’tal or
Ceramic resonator
Oscillation stopped state
RC oscillation
(Clock backup state)
Normal oscillation state
X’tal or
Ceramic resonator
OSCEN
RDERR
Command
OSCERR
Error bit (OSCERR) is operating
STATUSn pin
*2
(n:1 or 2)
PUP
SAFE
*1
ERRCL
OSC0 pin
OSC1 pin
Normal oscillation state
Oscillation stopped state
Normal oscillation state
Internal clock
X’tal or
Ceramic resonator
RC oscillation
(Clock backup state)
X’tal or
Ceramic resonator
Oscillation stopped state
RC oscillation
(Clock backup state)
Normal oscillation state
X’tal or
Ceramic resonator
OSCEN
RDERR
ERRCL
34/118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com