Electronic Components Datasheet Search
  English  ▼

X  

ML22Q623 Datasheet(PDF) 4 Page - Rohm

Part # ML22Q623
Description  4-Channel Mixin g Speec h Synthesis LSI with Built-in Flash M emory
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

ML22Q623 Datasheet(HTML) 4 Page - Rohm

  ML22Q623 Datasheet HTML 1Page - Rohm ML22Q623 Datasheet HTML 2Page - Rohm ML22Q623 Datasheet HTML 3Page - Rohm ML22Q623 Datasheet HTML 4Page - Rohm ML22Q623 Datasheet HTML 5Page - Rohm ML22Q623 Datasheet HTML 6Page - Rohm ML22Q623 Datasheet HTML 7Page - Rohm ML22Q623 Datasheet HTML 8Page - Rohm ML22Q623 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 118 page
background image
FEDL22Q62X-02
ML22Q62X
■ Pin Description
Pin
Symbol
I/O
Attribute
Description
Initial
value
*1
1,18
DGND
G
-
Digital ground pin.
—
3
TEST1
O
-
Output pin for testing.
Leave open.
Hi-Z
4
CSB
I
Negative
Synchronous serial interface chip select pin.
The SCK and SI inputs are accepted only when this pin is at the "L"
level.
H
5
SCK
I
-
Synchronous serial interface clock input pin.
L
6
SI
I
-
Synchronous serial interface data input pin.
Data is fetched in synchronization with SCK.
L
7
SO
O
-
Synchronous serial interface data output pin.
When the CSB pin is at an "L" level, data is output in synchronization
with SCK.
When the CSB pin is at an "H" level, this pin enters a high-impedance
state.
Hi-Z
9
IRCSB
I
Negative
Flash memory interface chip select input pin.
Input the "H" level during non-access and the "L" level during access.
Setting the IRON pin to "H" enables input.
H
10
IRSCK
I
-
Flash memory interface serial clock input pin.
Setting the IRON pin to "H" enables input.
H
11
IRSO
O
-
Flash memory interface serial data output pin.
Setting the IRON pin to "H" enables output.
Hi-Z
*2
12
IRSI
I
-
Flash memory interface serial data input pin.
Setting the IRON pin to "H" enables input.
L
13
IRON
I
Positive
Pin to enable the flash memory interface.
When this bit is set to "L", the flash memory interface pin is disabled. A
pull-down resistor is internally connected to the LSI.
Set this bit to "L" during playback operation using flash memory.
Setting this bit to "H" allows rewriting of the flash memory using the
flash memory interface.
Set this bit to "H" for onboard rewriting.
L
*1 Initial value at reset input and power-down. The pin whose IO is "I" indicates a fixed level from outside.
*2 IRON pin "L" setting status
4/118



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com