Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 186 Page - Texas Instruments

Part # DM505
Description  DM505 SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DM505 Datasheet(HTML) 186 Page - Texas Instruments

Back Button DM505 Datasheet HTML 182Page - Texas Instruments DM505 Datasheet HTML 183Page - Texas Instruments DM505 Datasheet HTML 184Page - Texas Instruments DM505 Datasheet HTML 185Page - Texas Instruments DM505 Datasheet HTML 186Page - Texas Instruments DM505 Datasheet HTML 187Page - Texas Instruments DM505 Datasheet HTML 188Page - Texas Instruments DM505 Datasheet HTML 189Page - Texas Instruments DM505 Datasheet HTML 190Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 295 page
background image
186
DM505
SPRS976E – NOVEMBER 2016 – REVISED MAY 2018
www.ti.com
Submit Documentation Feedback
Detailed Description
Copyright © 2016–2018, Texas Instruments Incorporated
For more information about C66x debug/trace support, see chapter On-Chip Debug Support of the device
TRM.
6.4
IPU
The Imaging Processor Unit (IPU) subsystem contains two Arm® Cortex-M4 cores (IPU_C0 and IPU_C1)
that share a common level 1 (L1) cache (called unicache). The two Cortex-M4 cores are completely
homogeneous to one another. Any task possible using one Cortex-M4 core is also possible using the
other Cortex-M4 core. Both Cortex-M4 cores could be used for tasks such as running RTOS, controlling
ISP, SIMCOP, DSS, and other functions. It is software responsibility to distribute the various tasks
between the Cortex-M4 cores for optimal performance. The integrated interrupt handling of the IPU
subsystem allows it to function as an efficient control unit.
IPU is the boot master of this device with its own boot ROM.
The key features of the IPU subsystem are:
•
Two Arm Cortex-M4 microprocessors (IPU_C0 and IPU_C1):
–
Armv7-M and Thumb®-2 instruction set architecture (ISA)
–
Armv6 SIMD and digital signal processor (DSP) extensions
–
Single-cycle MAC
–
Integrated nested vector interrupt controller (NVIC) (also called IPU_Cx_INTC, where x = 0, 1)
–
Integrated bus matrix:
•
Bus arbiter
•
Bit-banding – atomic bit manipulation
•
Write buffer
•
Memory interface (I and D) plus system interface (S) and private peripheral bus (PPB)
–
Registers:
•
Thirteen general-purpose 32-bit registers
•
Link register (LR)
•
Program counter (PC)
•
Program status register, xPSR
•
Two banked SP registers
–
Integrated power management
–
Extensive debug capabilities
•
Unicache interface:
–
AHBLite to unicache interface
–
Instruction and data interface
–
Supports interleaved Cortex-M4 requests
•
L1 cache (IPU_UNICACHE):
–
32KiB divided into 16 banks
–
4-way
–
Runs at twice the Cortex-M4 CPU frequency
–
Cache configuration lock/freeze/preload
–
Internal MMU:
•
16-entry region-based address translation
•
Read/write control and access type control
•
Runs at twice the Cortex-M4 CPU frequency
•
Execute Never (XN) MMU protection policy
•
Little-endian format
–
OCP port for configuration and cache maintenance
•
Subsystem counter timer module (SCTM) connected to unicache



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com