Electronic Components Datasheet Search
  English  ▼

X  

DM505 Datasheet(PDF) 187 Page - Texas Instruments

Part # DM505
Description  DM505 SoC for Vision Analytics 15mm Package (ABF) Silicon Revision 2.0
PDF  295 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DM505 Datasheet(HTML) 187 Page - Texas Instruments

Back Button DM505 Datasheet HTML 183Page - Texas Instruments DM505 Datasheet HTML 184Page - Texas Instruments DM505 Datasheet HTML 185Page - Texas Instruments DM505 Datasheet HTML 186Page - Texas Instruments DM505 Datasheet HTML 187Page - Texas Instruments DM505 Datasheet HTML 188Page - Texas Instruments DM505 Datasheet HTML 189Page - Texas Instruments DM505 Datasheet HTML 190Page - Texas Instruments DM505 Datasheet HTML 191Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 295 page
background image
187
DM505
www.ti.com
SPRS976E – NOVEMBER 2016 – REVISED MAY 2018
Submit Documentation Feedback
Detailed Description
Copyright © 2016–2018, Texas Instruments Incorporated
•
L2 master interface (MIF):
–
Splitter for access to memory or OCP ports
–
Interleaved bank request for fast memory access
•
L2 internal memories:
–
16KiB ROM – IPU_ROM; used for device boot/initialization
–
64KiB banked RAM – IPU_RAM
•
L2 MMU (IPU_MMU): 32 entries with Table Walking Logic (TWL)
•
Wake-up generator (IPU_WUGEN): Generates wake-up request from external interrupts
•
Two OCP ports at IPU boundary (connected to the L3_MAIN interconnect):
–
Master port – allows the IPU to access system resources (memories and peripherals)
–
Slave port – allows other requestors to access a part of the IPU internal memory space
•
Power management:
–
Local power-management control: Configurable through the IPU_WUGEN registers.
–
Two sleep modes supported by Cortex-M4, controlled by its integrated interrupt controller (NVIC).
–
Cortex-M4 system is clock-gated in both sleep modes.
–
NVIC interrupt interface stays awake.
–
Supports L1 cache and L2 memories retention.
•
Error-Correcting Code (ECC) supported for both L1 unicache and L2 RAM
•
Debug/emulation features supported
For more information, see chapter Dual Cortex-M4 IPU Subsystem of the device TRM.
6.5
EVE
The embedded vision engine (EVE) module is a programmable imaging and vision processing engine,
intended for use in devices that serve customer electronics imaging and vision applications. Its
programmability meets late-in-development or post-silicon processing requirements, and lets third parties
or customers add differentiating features in imaging and vision products.
The device includes one instantiation of the EVE engine. A single EVE module consists of an ARP32
scalar core, a vector coprocessor (VCOP) vector core, and an Enhanced DMA (EDMA3) controller.
The EVE engine includes the following main features:
•
Two 128-bit interconnect initiator ports used for:
–
Paging between system-level memory (L3 SRAM/DDR) and EVE memory (primarily IBUF, WBUF)
–
ARP32 program fetches to system memory (through program cache)
–
ARP32 load or store requests to system memory
–
ARP32 program cache-related read requests, including prefetch/preload requests
•
128-bit interconnect target port used for system-level host or DMA access to EVE memory or MMR
space
•
Scalar core (ARP32) with the following features:
–
32KB program cache (direct mapped and prefetch)
–
32KB data memory (DMEM)
•
Vector core (VCOP):
–
32KB working buffer (WBUF)
–
16KB image buffer low copy A (IBUFLA)
–
16KB image buffer low copy B (IBUFLB)
–
16KB image buffer high copy A (IBUFHA)
–
16KB image buffer high copy B (IBUFHB)
•
EDMA channel controller (EDMACC): 128 PaRAM entries, 2 Queues
•
EDMA transfer controllers: two instances, 2k FIFO each



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com