Electronic Components Datasheet Search
  English  ▼

X  

MP5611 Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP5611
Description  2.9V to 5.2V Input, Triple-Output, 2.9V to 5.2V Input, Triple-Output,
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5611 Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP5611 Datasheet HTML 11Page - Monolithic Power Systems MP5611 Datasheet HTML 12Page - Monolithic Power Systems MP5611 Datasheet HTML 13Page - Monolithic Power Systems MP5611 Datasheet HTML 14Page - Monolithic Power Systems MP5611 Datasheet HTML 15Page - Monolithic Power Systems MP5611 Datasheet HTML 16Page - Monolithic Power Systems MP5611 Datasheet HTML 17Page - Monolithic Power Systems MP5611 Datasheet HTML 18Page - Monolithic Power Systems MP5611 Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
MP5611
– 2.9V TO 5.2V INPUT, TRIPLE-OUTPUT, AMOLED POWER SUPPLY
MP5611 Rev. 1.0
MonolithicPower.com
15
12/16/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
APPLICATION INFORMATION
Selecting the Inductor
It is recommended to use the ELVDD and
ELVSS converters
with 4.7μH inductors, and the
AVDD boost converter
with a 10μH inductor (see
Table 2).
For a given inductance, the inductor DC current
rating should be at least 40% greater than the
maximum input peak inductor current for most
applications.
The inductor
’s DC resistance
should be as small as possible for higher
efficiency.
Selecting the Capacitor
Table 2 shows the recommended capacitors.
Lower capacitance may lead to increased
voltage ripple. Generally, the lower IOUT, the
lower
the
required
capacitance.
It
is
recommended to use ceramic capacitors with
X5R or X7R dielectrics for their low ESR and
small temperature coefficients.
Optional ELVSS External Rectifier Diode
Using an external Schottky diode as a rectifier for
ELVSS can be beneficial for improving ELVSS
line regulation in heavy load when VIN < 3.5V. If
necessary, a B0530WS Schottky diode in an
SOD-323 package is sufficient. Connect this
diode between ELVSS and SW2 (see the dotted
box in Figure 4 on page 16).
Table 2: Recommended Inductors and Capacitors
Ref
Value
Manufacturer
Manufacturer PN
LSW1, LSW2
4.7µH
Coilcraft
XFL4020-4R7ML
LSW3
10µH
Coilmaster
MMPP252012-100N
CIN
3 x 10µF
Murata
GRM21BR71A106KE51
CO_AVDD, CO_ELVDD
10µF
Murata
GRM21BR71A106KE51
CO_ELVSS
2 x 10µF
Murata
GRM21BR71A106KE51
CCT
100nF
Murata
GRM155B11A104KA01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com