Electronic Components Datasheet Search
  English  ▼

X  

MP5611 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP5611
Description  2.9V to 5.2V Input, Triple-Output, 2.9V to 5.2V Input, Triple-Output,
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5611 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP5611 Datasheet HTML 7Page - Monolithic Power Systems MP5611 Datasheet HTML 8Page - Monolithic Power Systems MP5611 Datasheet HTML 9Page - Monolithic Power Systems MP5611 Datasheet HTML 10Page - Monolithic Power Systems MP5611 Datasheet HTML 11Page - Monolithic Power Systems MP5611 Datasheet HTML 12Page - Monolithic Power Systems MP5611 Datasheet HTML 13Page - Monolithic Power Systems MP5611 Datasheet HTML 14Page - Monolithic Power Systems MP5611 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
MP5611
– 2.9V TO 5.2V INPUT, TRIPLE-OUTPUT, AMOLED POWER SUPPLY
MP5611 Rev. 1.0
MonolithicPower.com
11
12/16/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
FUNCTIONAL BLOCK DIAGRAM
DAC
Driver
AVDD
SW 3
AVIN
Driver
PWM
Control
PWM
Control
OSC
VREF
CTRL
Output
Sense
Driver
Control
Digital
Interface
CT
Control
50 mV
Fast
Discharge
CT
CTRL
FB
ELVDD
ELVSS
CTRL
SW 1
ELVDD
ELVSS
EN _ AVDD
FD
PVIN
SW 2
AGND
PGND 1
PGND 2
Protection
AVDD
ELVDD
ELVSS
IAVDD-OCP
CTRL
VIN
OCP
LDO
DAC
VREF
Figure 2: Functional Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com