Electronic Components Datasheet Search
  English  ▼

X  

MP5611 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP5611
Description  2.9V to 5.2V Input, Triple-Output, 2.9V to 5.2V Input, Triple-Output,
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5611 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP5611 Datasheet HTML 10Page - Monolithic Power Systems MP5611 Datasheet HTML 11Page - Monolithic Power Systems MP5611 Datasheet HTML 12Page - Monolithic Power Systems MP5611 Datasheet HTML 13Page - Monolithic Power Systems MP5611 Datasheet HTML 14Page - Monolithic Power Systems MP5611 Datasheet HTML 15Page - Monolithic Power Systems MP5611 Datasheet HTML 16Page - Monolithic Power Systems MP5611 Datasheet HTML 17Page - Monolithic Power Systems MP5611 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
MP5611
– 2.9V TO 5.2V INPUT, TRIPLE-OUTPUT, AMOLED POWER SUPPLY
MP5611 Rev. 1.0
MonolithicPower.com
14
12/16/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
Diode Mode when VIN ≈ ELVDD
When the input voltage (VIN) is close to ELVDD,
the MP5611 operates in diode mode. In this
mode,
the ELVDD boost converter’s high-side
MOSFET (HS-FET) is disabled, and its body
diode operates as a rectifier to regulate VOUT.
Note that the converter must work in continuous
conduction mode (CCM) to achieve proper
output regulation in diode mode.
ELVDD Over-Current Protection (OCP)
The MP5611 supports ELVDD over-current
protection (OCP). If EVDD
’s output current (IOUT)
exceeds 650mA (default) or the threshold
configured via the CTRL signal, and lasts for
1ms, then OCP is triggered and the IC shuts
down until CTRL or the power resets.
AVDD OCP
The MP5611 supports AVDD OCP. When
AVDD
’s IOUT exceeds 210mA (default) or the
threshold configured via the CTRL signal, and
lasts for 1ms, then OCP is triggered and the IC
shuts down until EN_AVDD or the power resets.
Short Output Voltage (VOUT) Protection
The MP5611 features complete short protection
functions, including AVDD, ELVDD, ELVSS
short to GND protection, as well as ELVDD short
to LEVSS protection.
The conditions required for the short protection
functions follow:
1. If ELVDD does not reach its regulated
voltage within 10ms after ELVDD is enabled
(CTRL = high), all output voltages shut down
(for ELVDD short to GND protection at start-
up).
2. If ELVSS does not reach its regulated
voltage within 12.5ms after
ELVSS is
enabled (22.5ms after CTRL = high), all
output voltages shut down (for ELVSS short
to GND protection at start-up).
3. If ELVSS > 250mV when ELVSS is enabled
(10ms after CTRL = high), ELVDD and
ELVSS shut down, and AVDD operates
normally
(for
ELVDD
short
to
ELVSS
protection).
4. If AVDD decreases to 90% of its configured
voltage for 1ms, all output voltages shut
down (for AVDD short to GND protection
during operation).
5. If ELVDD decreases to 80% of its configured
voltage for 1ms, all output voltages shut
down (for ELVDD short to GND protection
during operation).
6. If ELVSS increases to >600mV for 1ms, all
output voltages shut down (for ELVSS short
to GND protection during operation).
Thermal Shutdown
To prevent the IC from operating at exceedingly
high
temperatures,
thermal
shutdown
is
implemented by monitoring the silicon die
temperature. When the die temperature exceeds
the upper threshold (TST), the IC shuts down.
Once the die temperature drops below the lower
threshold, the IC restarts and resumes normal
operation. The hysteresis is 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com