Electronic Components Datasheet Search
  English  ▼

X  

MP5611 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP5611
Description  2.9V to 5.2V Input, Triple-Output, 2.9V to 5.2V Input, Triple-Output,
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5611 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP5611 Datasheet HTML 4Page - Monolithic Power Systems MP5611 Datasheet HTML 5Page - Monolithic Power Systems MP5611 Datasheet HTML 6Page - Monolithic Power Systems MP5611 Datasheet HTML 7Page - Monolithic Power Systems MP5611 Datasheet HTML 8Page - Monolithic Power Systems MP5611 Datasheet HTML 9Page - Monolithic Power Systems MP5611 Datasheet HTML 10Page - Monolithic Power Systems MP5611 Datasheet HTML 11Page - Monolithic Power Systems MP5611 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
MP5611
– 2.9V TO 5.2V INPUT, TRIPLE-OUTPUT, AMOLED POWER SUPPLY
MP5611 Rev. 1.0
MonolithicPower.com
8
12/16/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN = 3.7V, VELVDD/ELVSS/AVDD = default, L1 = L2 = 4.7µH, L3 = 10µH, TA = 25°C, unless otherwise noted.
EVLDD and ELVSS Start-Up
ILOAD = 0mA
AVDD Start-Up
ILOAD = 0mA
CH1: CTRL
CH2: ELVDD
CH3: ELVSS
CH4: IIN
CH1:
EN_AVDD
CH2: AVDD
CH3:
VSW_AVDD
CH4: IIN
ELVDD Steady State
ILOAD = 100mA
ELVDD Steady State
ILOAD = 300mA
CH2:
ELVDD (AC)
CH3:
VSW_ELVDD
CH4: IL_ELVDD
CH2:
ELVDD (AC)
CH3:
VSW_ELVDD
CH4: IL_ELVDD
ELVSS Steady State
ILOAD = 100mA
ELVSS Steady State
ILOAD = 300mA
CH2:
ELVSS (AC)
CH3:
VSW_ELVSS
CH4: IL_ELVSS
CH2:
ELVSS (AC)
CH3:
VSW_ELVSS
CH4: IL_ELVSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com