Electronic Components Datasheet Search
  English  ▼

X  

DA9233 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # DA9233
Description  Integrated Ultra-Low Quiescent Current, Ultra-Low Output Ripple Buck Regulator with 100 mA LDO
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9233 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button DA9233 Datasheet HTML 25Page - Renesas Technology Corp DA9233 Datasheet HTML 26Page - Renesas Technology Corp DA9233 Datasheet HTML 27Page - Renesas Technology Corp DA9233 Datasheet HTML 28Page - Renesas Technology Corp DA9233 Datasheet HTML 29Page - Renesas Technology Corp DA9233 Datasheet HTML 30Page - Renesas Technology Corp DA9233 Datasheet HTML 31Page - Renesas Technology Corp DA9233 Datasheet HTML 32Page - Renesas Technology Corp DA9233 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 50 page
background image
DA9233
Integrated Ultra-Low Quiescent Current, Ultra-Low
Output Ripple Buck Regulator with 100 mA LDO
Datasheet
Revision 2.2
13-Jun-2023
CFR0011-120-00 Rev 5
29 of 50
© 2023 Renesas Electronics
When the address is matching the following event sequence happens:
1. The device generates an ACKNOWLEDGE to indicate to the master that the communication link
has been established
2. The master generates SCL clock cycles to transmit or receive data
3. After receiving data, an ACKNOWLEDGE is generated either by the device or the master
(whichever is transmitting the data)
A data sequence is 9-bit, consisting of 8-bit data and 1-bit ACKNOWLEDGE. It can be repeated
as long as necessary.
4. The master generates a STOP condition to end the data transfer
The bus returns to IDLE-mode if during a message a new START or STOP condition occurs. Data is
transmitted MSB first for both R/W operations.
10.7 GPO Pin Function Programming
DA9233 has a General purpose output (GPO) pin which can be programmed to have multiple
functions.
10.7.1
Power Good Indicator
When GPO pin is configured to the VDD power good indicator, it is an open drain output and can be
configured to either active high or active low. When GPO status is Hi-Z, an external pull-up is
required for GPO to be high.
Table 13: GPO as Power Good Indicator
GPO Configuration
VIN > VIN_UVLO
GPO Status
Active High
No
0
Yes
Hi-Z
Active Low
No
Hi-Z
Yes
0
10.7.2
Event Indicator
GPO pin can also be configured as the event indicator in open drain output. Whenever there is an
event or multiple events (VIN_UV_EVNT or OV_BUCK_EVENT or OC_BUCK_EVENT or
UV_BUCK_EVENT) happen, GPO will be pulled down Low. This can be used as an interrupt to host
CPU to inform events happened. When there is no event, GPO will remain in Hi-Z status and an
external pull-up is required for GPO to be high.
10.7.3
Reset Pulse Generation
GPO pin can be configured to generate a reset pulse signal when buck starts. The reset signal can
be used by host CPU or other device that are connected to buck output. When GPO is Low, it
indicates a reset pulse period; when GPO is in Hi-Z status (An external pull-up is required for GPO to
be high), it indicates a non-reset period.
There is also a timing control to negate the reset pulse signal. The GPO reset pulse width can be
adjusted between 8 and 112 ms measured from written 1 to BUCK_EN register bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com