Electronic Components Datasheet Search
  English  ▼

X  

DA9233 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # DA9233
Description  Integrated Ultra-Low Quiescent Current, Ultra-Low Output Ripple Buck Regulator with 100 mA LDO
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9233 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button DA9233 Datasheet HTML 24Page - Renesas Technology Corp DA9233 Datasheet HTML 25Page - Renesas Technology Corp DA9233 Datasheet HTML 26Page - Renesas Technology Corp DA9233 Datasheet HTML 27Page - Renesas Technology Corp DA9233 Datasheet HTML 28Page - Renesas Technology Corp DA9233 Datasheet HTML 29Page - Renesas Technology Corp DA9233 Datasheet HTML 30Page - Renesas Technology Corp DA9233 Datasheet HTML 31Page - Renesas Technology Corp DA9233 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 50 page
background image
DA9233
Integrated Ultra-Low Quiescent Current, Ultra-Low
Output Ripple Buck Regulator with 100 mA LDO
Datasheet
Revision 2.2
13-Jun-2023
CFR0011-120-00 Rev 5
28 of 50
© 2023 Renesas Electronics
10.6 I2C Programming
10.6.1
Interface Description
DA9233 includes an I2C compatible interface based on the following signals:
● SCL: standard 400 kHz I2C bus serial clock generated by the Host processor
● SDA: standard 400 kHz I2C bus serial address/data input output
SDA and SCL are open drain I/O terminals. The standard frequency of the I2C bus is 400 kHz in fast
mode or 100 kHz in slow mode.
SCL
SDA
Serial Interface
I2C
Figure 189: I2C Serial Interface Pins
The I2C bus is used to control most functions and change register values depending on the
application requirements. In active battery, the I2C circuitry is powered from the battery. The interface
maintains a proper operation as long as VDD_SYS is valid.
The device is compatible with the standard I2C protocol but only operates as a slave. The transfer
protocol is the same whether operating in fast or slow mode.
10.6.2
Details of the I2C Protocol
The device supports 7-bit addressing only, the address is 0x2F. The 8-bit shifted address is 0x5E.
A timer runs during I2C transitions. If the timer expires while SDA is held low, all additional
commands are ignored and the I2C state machine is reset. The timer is reset with a START condition
and stopped with a STOP condition.
The I2C bus is monitored at all times for a valid SLAVE address, and an acknowledge bit is
generated if the SLAVE address was true.
● A START condition is initiated by a high to low transition on the SDA line while the SCL is in the
high state.
● A STOP condition is indicated by a low to high transition on the SDA line while the SCL is in the
high state.
● An ACKNOWLEDGE is indicated by the receiver pulling the SDA line low during the following
clock cycle.
SDA
SCL
Data SDA must be stable
during high part of clock
SCL
Data sampled on SCL
rising edge and driven on
SCL falling edge
Start ( S ) is SDA falling while
SCL high
Stop (P ) is SDA rising while
SCL high
Figure 20: I2C Start and Stop Conditions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com