Electronic Components Datasheet Search
  English  ▼

X  

DA9233 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # DA9233
Description  Integrated Ultra-Low Quiescent Current, Ultra-Low Output Ripple Buck Regulator with 100 mA LDO
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9233 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button DA9233 Datasheet HTML 13Page - Renesas Technology Corp DA9233 Datasheet HTML 14Page - Renesas Technology Corp DA9233 Datasheet HTML 15Page - Renesas Technology Corp DA9233 Datasheet HTML 16Page - Renesas Technology Corp DA9233 Datasheet HTML 17Page - Renesas Technology Corp DA9233 Datasheet HTML 18Page - Renesas Technology Corp DA9233 Datasheet HTML 19Page - Renesas Technology Corp DA9233 Datasheet HTML 20Page - Renesas Technology Corp DA9233 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
DA9233
Integrated Ultra-Low Quiescent Current, Ultra-Low
Output Ripple Buck Regulator with 100 mA LDO
Datasheet
Revision 2.2
13-Jun-2023
CFR0011-120-00 Rev 5
17 of 50
© 2023 Renesas Electronics
9
Typical Operating Characteristics
Test Circuit of Figure 2, Buck VIN = VDD_SYS = VDD, L = 1.0 µH, TA = 25°C, unless specified
otherwise.
9.1
Buck No Load Quiescent Current vs Temperature, Device is Switching
Figure 4: Buck VOUT = 1.8 V
Figure 5: Buck VOUT = 0.7 V
9.2
Buck FETs RDSon vs Temperature
Figure 6: High-Side FET
Figure 7: Low-Side FET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com