Electronic Components Datasheet Search
  English  ▼

X  

DA9233 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # DA9233
Description  Integrated Ultra-Low Quiescent Current, Ultra-Low Output Ripple Buck Regulator with 100 mA LDO
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9233 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button DA9233 Datasheet HTML 19Page - Renesas Technology Corp DA9233 Datasheet HTML 20Page - Renesas Technology Corp DA9233 Datasheet HTML 21Page - Renesas Technology Corp DA9233 Datasheet HTML 22Page - Renesas Technology Corp DA9233 Datasheet HTML 23Page - Renesas Technology Corp DA9233 Datasheet HTML 24Page - Renesas Technology Corp DA9233 Datasheet HTML 25Page - Renesas Technology Corp DA9233 Datasheet HTML 26Page - Renesas Technology Corp DA9233 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
DA9233
Integrated Ultra-Low Quiescent Current, Ultra-Low
Output Ripple Buck Regulator with 100 mA LDO
Datasheet
Revision 2.2
13-Jun-2023
CFR0011-120-00 Rev 5
23 of 50
© 2023 Renesas Electronics
VOUT_RANGE_HI
BUCK_VOUT<4:0>
Buck Output Voltage (V)
0
00110
0.90
0
00111
0.95
0
01000
1.00
0
01001
1.05
0
01010
1.10
0
01011
1.15
0
01100
1.20
0
01101
1.25
0 or 1
01110
1.30
1
01111
1.35
1
10000
1.40
1
10001
1.45
1
10010
1.50
1
10011
1.55
1
10100
1.60
1
10101
1.65
1
10110
1.70
1
10111
1.75
1
11000
1.80
1
11001
1.85
1
11010
1.90
1
11011
1.90
1
11100
1.90
1
11101
1.90
1
11110
1.90
1
11111
1.90
10.4.2
Start-up Operation
DA9233 buck integrates a start-up circuit to minimize output voltage over-shoot and input voltage
drop during start-up. When writing 1 to BUCK_EN (Bit 7 of Reg0x05), the buck is enabled and starts
switching after a typical delay time of 3 ms. During start-up, the cycle-by-cycle current limit is reduced
to limit inrush current.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com