Electronic Components Datasheet Search
  English  ▼

X  

DA9233 Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # DA9233
Description  Integrated Ultra-Low Quiescent Current, Ultra-Low Output Ripple Buck Regulator with 100 mA LDO
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9233 Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button DA9233 Datasheet HTML 42Page - Renesas Technology Corp DA9233 Datasheet HTML 43Page - Renesas Technology Corp DA9233 Datasheet HTML 44Page - Renesas Technology Corp DA9233 Datasheet HTML 45Page - Renesas Technology Corp DA9233 Datasheet HTML 46Page - Renesas Technology Corp DA9233 Datasheet HTML 47Page - Renesas Technology Corp DA9233 Datasheet HTML 48Page - Renesas Technology Corp DA9233 Datasheet HTML 49Page - Renesas Technology Corp DA9233 Datasheet HTML 50Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 48 / 50 page
background image
DA9233
Integrated Ultra-Low Quiescent Current, Ultra-Low
Output Ripple Buck Regulator with 100 mA LDO
Datasheet
Revision 2.2
13-Jun-2023
CFR0011-120-00 Rev 5
48 of 50
© 2023 Renesas Electronics
13 Ordering Information
The ordering number consists of the part number followed by a suffix indicating the packing method.
For details and availability or other custom OTP parts, please consult
your Renesas Electronics’ local
sales representative.
Table 31: Ordering Information
Part number
Package
Size (mm)
Shipment Form
Pack Quantity
DA9233-xxxx
WLCSP-12
1.25 x 1.65
T&R
4500
Table 32: OTP List
Order number
Description
Buck VOUT (V)
LDO VOUT (V)
DA9233-A1VZ2
OTP with Buck and LDO
voltage preconfigured
0.7
1.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com