Electronic Components Datasheet Search
  English  ▼

X  

DA9233 Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # DA9233
Description  Integrated Ultra-Low Quiescent Current, Ultra-Low Output Ripple Buck Regulator with 100 mA LDO
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9233 Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button DA9233 Datasheet HTML 18Page - Renesas Technology Corp DA9233 Datasheet HTML 19Page - Renesas Technology Corp DA9233 Datasheet HTML 20Page - Renesas Technology Corp DA9233 Datasheet HTML 21Page - Renesas Technology Corp DA9233 Datasheet HTML 22Page - Renesas Technology Corp DA9233 Datasheet HTML 23Page - Renesas Technology Corp DA9233 Datasheet HTML 24Page - Renesas Technology Corp DA9233 Datasheet HTML 25Page - Renesas Technology Corp DA9233 Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
DA9233
Integrated Ultra-Low Quiescent Current, Ultra-Low
Output Ripple Buck Regulator with 100 mA LDO
Datasheet
Revision 2.2
13-Jun-2023
CFR0011-120-00 Rev 5
22 of 50
© 2023 Renesas Electronics
10 Feature Descriptions
10.1 Chip Enable and Disable Through IC_EN
DA9233 features a dedicated IC_EN pin to enable and disable the chip. When IC_EN = high, the
device is turned on. IC_EN voltage should not exceed VDD_SYS voltage on the device. When
EN = low, the device is shut down completely, including I2C communications.
10.2 VDD Under-Voltage Lockout
DA9233 features an under-voltage lockout (UVLO) on VDD. When VDD falls below UVLO falling
threshold, both buck and LDO are disabled, see Section 10.4.9 for fault behaviour and control, A
VIN_UV_Event will be flagged if it is not masked. When VDD rises above the UVLO rising threshold,
the device will be alive. VDD should be always tied to VDD_SYS on the PCB board so both VDD and
VDD_SYS will share the same UVLO protection.
10.3 Over-Temperature Protection
DA9233 also features an on-Chip over-temperature protection (TSD). The die junction temperature is
monitored when LDO is ON. When the junction temperature is higher than the thermal shutdown
threshold, both buck and LDO are disabled to prevent the device being damaged by over-heating,
see Section 10.4.9 for fault behavior and control. An OT_Event will be flagged if it is not masked.
10.4 Buck Regulator
DA9233 includes a nano-ampere standby buck regulator with an adjustable output voltage, Dynamic
Voltage Scaling capability and a maximum load current of 60 mA. It also has power saving mode
operation and different protection features.
10.4.1
Buck Output Voltage Programmability
The DA9233 buck regulator can be set to two different ranges based on the value of
VOUT_RANGE_HI. The value of BUCK_VOUT<4:0> is locked to a certain range based on the value
of VOUT_RANGE_HI, and VOUT_RANGE_HI can only be changed while the buck is disabled. The
buck can be set to the output voltages shown in Table 11. If a command is received outside of the
allowable range (that is above 1.3 V for VOUT_RANGE_HI = 0 or below 1.3 V for
VOUT_RANGE_HI = 1), digital will force the value of BUCK_VOUT<3:0> to 01110 (1.3 V).
Table 11: Buck Output Voltage Settings
VOUT_RANGE_HI
BUCK_VOUT<4:0>
Buck Output Voltage (V)
0
00000
0.60
0
00001
0.65
0
00010
0.70
0
00011
0.75
0
00100
0.80
0
00101
0.85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com