Electronic Components Datasheet Search
  English  ▼

X  

DA9233 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # DA9233
Description  Integrated Ultra-Low Quiescent Current, Ultra-Low Output Ripple Buck Regulator with 100 mA LDO
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9233 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button DA9233 Datasheet HTML 21Page - Renesas Technology Corp DA9233 Datasheet HTML 22Page - Renesas Technology Corp DA9233 Datasheet HTML 23Page - Renesas Technology Corp DA9233 Datasheet HTML 24Page - Renesas Technology Corp DA9233 Datasheet HTML 25Page - Renesas Technology Corp DA9233 Datasheet HTML 26Page - Renesas Technology Corp DA9233 Datasheet HTML 27Page - Renesas Technology Corp DA9233 Datasheet HTML 28Page - Renesas Technology Corp DA9233 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 50 page
background image
DA9233
Integrated Ultra-Low Quiescent Current, Ultra-Low
Output Ripple Buck Regulator with 100 mA LDO
Datasheet
Revision 2.2
13-Jun-2023
CFR0011-120-00 Rev 5
25 of 50
© 2023 Renesas Electronics
10.4.8
Automatic Output voltage Discharge
To speed up the discharging of buck output capacitor and ensure a safer start-up next time, the buck
regulator provides automatic output voltage discharge when IC_EN is pulled low or buck shutdown
caused by any fault. Automatic output discharge when buck is forced OFF by fault needs to set
register bit BUCK_PD_CFG1 = 0; automatic output discharge when buck is disabled by
BUCK_EN = 0 needs to set register bit BUCK_PD_CFG2 = 0. The output of the buck regulator is
discharged through VBUCK_SNS pin and an internal buck output discharge FET with typical 33
Ω
resistance.
10.4.9
Event Flag and Fault Control
DA9233 has the flexibility for customers to control the behavior of buck/LDO when there is a fault
condition. There are five register bits (UVLO_FRC_DIS, TSD_FRC_DIS, OV_DIS_BUCK,
OC_BUCK_EVENT, SC_DIS_BUCK ) controlling whether the buck/LDO will be disabled when the
corresponding fault condition happens. In addition, users can choose whether to mask or unmask the
event flag when the fault condition happens.
When there is a VDD Under-voltage condition, both BUCK and LDO will be forced OFF if
UVLO_FRC_DIS = 1. Buck and LDO will remain alive if UVLO_FRC_DIS = 0. During the VDD
Under-voltage condition, the event register bit VIN_UV_EVENT = 1 if the corresponding mask
register bit M_VIN_UV is set to 0 otherwise VIN_UV_EVENT = 0.
When there is an Over-Temperature fault inside the device, both buck and LDO will be forced OFF if
TSD_FRC_DIS = 1. If TSD_FRC_DIS = 0, buck and LDO will remain alive. During the over-
temperature condition, the event register bit OT_EVENT = 1.
When there is an over-voltage fault at buck output, buck will be forced OFF if OV_DIS_BUCK = 1.
Buck will continue switching if OV_DIS_BUCK = 0. During the fault, OV_BUCK_EVENT is set to 1 if
M_OV_BUCK_EVENT = 0 otherwise OV_BUCK_EVENT = 0.
When the over-current condition in buck persists for 64 µs and M_OC_BUCK_EVENT is set to 0,
OC_BUCK_EVENT will be set to 1. If OC_DIS_BUCK = 1, BUCK is forced disabled. If
OC_DIS_BUCK = 0, buck will continue switching during the over-current condition.
When there is a buck Output under-voltage condition and M_UV_BUCK_EVENT = 0,
UV_BUCK_EVENT is set to 1. If both buck output under-voltage and over-current condition exist and
SC_DIS_BUCK = 1, buck will be forced OFF. If SC_DIS_BUCK = 0, buck will continue switching
without shutting down by the under-voltage protection.
DA9233 also has a fault recovery mechanism that can be customized through the 3-bits
RCVRY_NUM. This value determines the fault recovery trial number for buck and is counted down
by every fault that triggers buck OFF. When RCVRY_NUM reaches 0, recovery trial is ended and
buck will remain OFF even if the buck enable signals are toggled HI. If RCVRY_NUM is set to 0x7,
there will be no count down on the recovery trial number and recovery trail will not be ended. Before
RCVRY_NUM reaches 0, buck will be recovered automatically if the fault condition disappears.
Event flags are not automatically cleared when the fault conditions disappear. They have to be
cleared by changing the values in register EVENT through I2C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com