Electronic Components Datasheet Search
  English  ▼

X  

DA9233 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # DA9233
Description  Integrated Ultra-Low Quiescent Current, Ultra-Low Output Ripple Buck Regulator with 100 mA LDO
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA9233 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button DA9233 Datasheet HTML 28Page - Renesas Technology Corp DA9233 Datasheet HTML 29Page - Renesas Technology Corp DA9233 Datasheet HTML 30Page - Renesas Technology Corp DA9233 Datasheet HTML 31Page - Renesas Technology Corp DA9233 Datasheet HTML 32Page - Renesas Technology Corp DA9233 Datasheet HTML 33Page - Renesas Technology Corp DA9233 Datasheet HTML 34Page - Renesas Technology Corp DA9233 Datasheet HTML 35Page - Renesas Technology Corp DA9233 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
DA9233
Integrated Ultra-Low Quiescent Current, Ultra-Low
Output Ripple Buck Regulator with 100 mA LDO
Datasheet
Revision 2.2
13-Jun-2023
CFR0011-120-00 Rev 5
32 of 50
© 2023 Renesas Electronics
11.1.2
System Module
Table 15: System Registers
User Registers
Register
Addr
7
6
5
4
3
2
1
0
SYS_RST_EVENT 0x0001 Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
RESET_EVENT
SYS_SRST
0x0009 Reserved
Reserved
Reserved
Reserved
SRST<3:0>
SYS_DEVICE_ID 0x0080 DEV_ID<7:0>
SYS_VARIANT_ID 0x0081 MRC<3:0>
VRC<3:0>
SYS_CONFIG_ID 0x0082 CONFIG_REV<7:0>
11.2 Register Definitions
11.2.1
Buck and LDO Control
11.2.1.1
Event/Status/Mask Registers
Table 16: Register EVENT
Address
Register Name
POR Value
Event flag
0x0000
EVENT
0x00
7
6
5
4
3
2
1
0
OT_EVENT
VIN_UV_EVENT
Reserved
OC_BUCK_EVENT OV_BUCK_EVENT
UV_BUCK_EVENT
Reserved
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com