Electronic Components Datasheet Search
  English  ▼

X  

MAX271ENG Datasheet(PDF) 4 Page - Analog Devices

Part # MAX271ENG
Description  Digitally-Programmed, Dual 2nd-Order Continuous Lowpass Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX271ENG Datasheet(HTML) 4 Page - Analog Devices

  MAX271ENG Datasheet HTML 1Page - Analog Devices MAX271ENG Datasheet HTML 2Page - Analog Devices MAX271ENG Datasheet HTML 3Page - Analog Devices MAX271ENG Datasheet HTML 4Page - Analog Devices MAX271ENG Datasheet HTML 5Page - Analog Devices MAX271ENG Datasheet HTML 6Page - Analog Devices MAX271ENG Datasheet HTML 7Page - Analog Devices MAX271ENG Datasheet HTML 8Page - Analog Devices MAX271ENG Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
Maxim Integrated
Digitally-Programmed, Dual
2nd-Order Continuous Lowpass Filter
MAX270/MAX271
TIMING CHARACTERISTICS (Figure 2)
(V+ = +5V, V- = -5V; TA = +25NC, unless otherwise noted.)
Note 11: All input control signals specified with tr = tf = 5ns (10% to 90% of +5V) and timed from a +1.6V voltage level.
Typical Operating Characteristics
FILTER GAIN vs. FREQUENCY
fIN (Hz)
100k
10k
-60
-40
-20
0
-80
1k
1M
V+ = +5V
V- = -5V
fC CODE = 127 (25kHz TYP)
TA = +25˚C
FILTER GAIN vs. FREQUENCY
(NORMALIZED TO CUTOFF FREQUENCY)
fIN/fC
10
1.0
-60
-40
-20
0
-80
0.1
100
V+ = +5V
V- = -5V
fC CODE = 0-127 (1-25kHz TYP)
TA = +25˚C
fIN/fC
100
10
-2
-1
0
0.5
-3
11k
V+ = +5V
V- = -5V
fC CODE = 0 (1kHz TYP)
TA = +125˚C
TA = +25˚C
TA = -55˚C
PASSBAND FILTER GAIN
vs. FREQUENCY
PASSBAND FILTER GAIN
vs. FREQUENCY
fIN (Hz)
1k
10k
100
-2
-1
0
0.5
-3
25
25k
V+ = +5V
V- = -5V
fC CODE = 127 (25kHz TYP)
TA = +125˚C
TA = +25˚C
TA = -55˚C
fIN/fC
0.1
0.01
-2
-1
0
+0.5
-3
0.001
1.0
PASSBAND FILTER GAIN vs. FREQUENCY
(NORMALIZED TO CUTOFF FREQUENCY)
V+ = +5V
V- = -5V
fC CODE = 0-127 (1-25kHz TYP)
TA = +25˚C
fIN/fC
1.0
0.1
-45
-90
-135
-180
0
0.01
10
FILTER PHASE SHIFT vs. FREQUENCY
(NORMALIZED TO CUTOFF FREQUENCY)
V+ = +5V
V- = -5V
fC CODE = 0-127
(1-25kHz TYP)
TA = +25˚C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
CS to WR Setup
tWS
0
ns
CS to WR Hold
tWH
0
ns
WR Pulse Width
tSV
100
ns
Address-Setup Time
tAS
30
ns
Address-Hold Time
tAH
10
ns
Data-Setup Time
tDS
30
ns
Data-Hold time
tDH
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com