Electronic Components Datasheet Search
  English  ▼

X  

MAX271ENG Datasheet(PDF) 11 Page - Analog Devices

Part # MAX271ENG
Description  Digitally-Programmed, Dual 2nd-Order Continuous Lowpass Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX271ENG Datasheet(HTML) 11 Page - Analog Devices

Back Button MAX271ENG Datasheet HTML 7Page - Analog Devices MAX271ENG Datasheet HTML 8Page - Analog Devices MAX271ENG Datasheet HTML 9Page - Analog Devices MAX271ENG Datasheet HTML 10Page - Analog Devices MAX271ENG Datasheet HTML 11Page - Analog Devices MAX271ENG Datasheet HTML 12Page - Analog Devices MAX271ENG Datasheet HTML 13Page - Analog Devices MAX271ENG Datasheet HTML 14Page - Analog Devices MAX271ENG Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
Maxim Integrated
Digitally-Programmed, Dual
2nd-Order Continuous Lowpass Filter
MAX270/MAX271
Table 2. MAX271 µP-Mode Interface
MAX270 Control Interlace
The A0 pin is a three-level input that selects the memory
addresses for updating cutoff frequency data in FP mode:
Figure 2 shows µP-mode interface timing.
Connecting A0 to the negative supply selects pin-strap
mode. Pin-strap mode allows filter programming with
no timing requirements. Internal memory latches are
disabled, permitting filters A and B to be programmed
directly to fC data strapped on D0–D6. This mode dis-
ables CS and WR controls, and filters A and B are pro-
grammed to the same fC.
A low level on the SHDN pin shuts down all amplifiers
and disconnects OUTA, OUTB, and OP OUT. Current
consumption drops to less than 15µA in this mode.
MAX271 Control Interlace
Connecting the MODE pin to GND or V- selects the
µP mode. In this mode, addressable program memory
controls filter cutoff frequency programming and all T/H
functions, except T/H. See the Figure 2 for timing charac-
teristics. Table 2 describes available functions:
In FP mode, SHDN, T/H A/B, and T/H EN pins are dis-
abled. T/H remains enabled and performs the T/H track-
ing/holding function.
Tying MODE to V+ selects pin-strap mode. In this mode,
both memory latches are transparent, and data on D0–D6
controls the fC of filters A and 8 directly (filters A and 8
are programmed to the same fC). Pin strap D0–D6 for
operation without FP. A0, A1, CS, and WR are disabled.
X = Don't care
Figure 2. MAX270/MAX271 Digital Timing Diagram
CS
tWS
tWH
tWR
tAS
WR
ADDRESS
(A0, A1)
DATA
(D0-D6)
NOTE : ALL DIGITAL INPUTS ARE LEVEL-SENSITIVE. WHEN WR AND CS ARE BOTH LOW,
THE DATA INPUT LATCHES ARE TRANSPARENT. AND THE FILTERS ARE
PROGRAMMED TO THE DATA ON D0–D6
tAH
tDS
tDH
A0
SELECTS
Logic Low
Filter B
Logic High
Filter A
A1
A0
06
05
04
03
02
01
D0
FUNCTION
0
0
7-bit fC data
Selects filter A
0
1
7-bit fC data
Selects filter B
1
0
X
X
X
X
X
X
0
T/H OUT disabled
1
0
X
X
X
X
X
X
1
T/H OUT enabled
1
0
X
X
X
X
X
0
X
Selects OUTB as input to T/H
1
0
X
X
X
X
X
1
X
Selects OUTA as input to T/H
1
1
X
X
X
X
X
X
0
Filter shutdown mode. All outputs floated, 15µA
max supply current
1
1
X
X
X
X
X
X
1
Removes filter from shutdown mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com