Electronic Components Datasheet Search
  English  ▼

X  

MAX271ENG Datasheet(PDF) 12 Page - Analog Devices

Part # MAX271ENG
Description  Digitally-Programmed, Dual 2nd-Order Continuous Lowpass Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX271ENG Datasheet(HTML) 12 Page - Analog Devices

Back Button MAX271ENG Datasheet HTML 8Page - Analog Devices MAX271ENG Datasheet HTML 9Page - Analog Devices MAX271ENG Datasheet HTML 10Page - Analog Devices MAX271ENG Datasheet HTML 11Page - Analog Devices MAX271ENG Datasheet HTML 12Page - Analog Devices MAX271ENG Datasheet HTML 13Page - Analog Devices MAX271ENG Datasheet HTML 14Page - Analog Devices MAX271ENG Datasheet HTML 15Page - Analog Devices MAX271ENG Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
Maxim Integrated
Digitally-Programmed, Dual
2nd-Order Continuous Lowpass Filter
MAX270/MAX271
Digital Threshold Levels
All digital inputs are TTL and CMOS compatible, unless
otherwise stated. Inputs are CMOS gates with less than
1µA leakage current and 8pF capacitance loading.
Typical logic voltage thresholds are a function of the V+
supply voltage as shown below (voltages are referenced
to GND).
Filter Performance
All MAX270/MAX271 internal amplifier and output stages
for filter sections. uncommitted op amp, and T/H are
identical. The outputs are designed to drive 5kω in paral-
lel with a maximum capacitance of 100pF. At higher load
levels, the output swing becomes asymmetric. All outputs
can be short circuited to GND for an indefinite duration.
The MAX270/MAX271 operating frequency range is
limited to approximately 2MHz by the bandwidth of the
internal amplifiers.
Filter Noise
Wideband filter noise over a 50kHz bandwidth is
12µVRMS and 38µVRMS per section for fC programmed
to 1kHz and 25kHz, respectively. A dynamic range of
over 96dB results.
Filter Input Impedance
At DC, the input impedance at INA and INB is equal to
the DC input impedance of the amplifier, which is about
5Mω. At higher frequencies, internal capacitors contrib-
ute to an effective input impedance that may fall as low
as 100kω at 25kHz.
MAX271 Track-and-Hold
The MAX271 T/H is functionally equivalent to a switched
200pF capacitor buffered by a unity-gain amplifier (Figures
1b and 1c). When the T/H pin is driven low, the output of
filter A or filter B (whichever is selected via control inter-
face) internally connects to the amplifier, and T/H OUT
follows the filter output. The offset at T/H OUT (±6mV max)
is the combined offset of the filter amplifier and the T/H
buffer. When T/H is pulled high, the switch disconnects
the filter signal from the T/H. The T/H capacitor holds the
stored charge, and that voltage is buffered at T/H OUT.
A low level at T/H EN disconnects T/H OUT, enabling mul-
tiplexed operation (Figure 3). T/H A/B selects between
OUTA and OUTB as the T/H input. In FP mode, the T/H
EN and T/H OUT functions are controlled by writing con-
trol bits to program memory, with T/H EN and T/H OUT
pins disabled.
See the Typical Operating Characteristics graphs for T/H
dynamic accuracy.
Note: For +5V single-supply operation, where incoming logic
signals are referenced to V-, typical logic thresholds are +3.5V.
Therefore, a CMOS (rail-to-rail) logic interface is recommended.·
Figure 3. MAX271 Multiplexed Operation
AY0
T/H OUT
T/H EN
CH1
Y1
INA
Y2
Y7
B
C
CHANNEL
SELECT
74HC238
T/H OUT
T/H EN
CH3
INA
T/H OUT
T/H EN
CH2
INA
OUTPUT
V+ (V)
LOGIC THRESHOLD
VOLTAGE (V)
8
+2.4
7
+2.3
6
+2.0
5
+1.75
4
+1.5
2.5
+1.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com