Electronic Components Datasheet Search
  English  ▼

X  

MAX271ENG Datasheet(PDF) 14 Page - Analog Devices

Part # MAX271ENG
Description  Digitally-Programmed, Dual 2nd-Order Continuous Lowpass Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX271ENG Datasheet(HTML) 14 Page - Analog Devices

Back Button MAX271ENG Datasheet HTML 8Page - Analog Devices MAX271ENG Datasheet HTML 9Page - Analog Devices MAX271ENG Datasheet HTML 10Page - Analog Devices MAX271ENG Datasheet HTML 11Page - Analog Devices MAX271ENG Datasheet HTML 12Page - Analog Devices MAX271ENG Datasheet HTML 13Page - Analog Devices MAX271ENG Datasheet HTML 14Page - Analog Devices MAX271ENG Datasheet HTML 15Page - Analog Devices MAX271ENG Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
14
Maxim Integrated
Digitally-Programmed, Dual
2nd-Order Continuous Lowpass Filter
MAX270/MAX271
Figure 5. Cascading Filter Sections
Figure 6. Independent fC Programming without a µP
OUTB
INA
58
OUPUT fC = 1kHz
80dB/dec. ROLLOFF
OUTA
INB
3
7
SHDN
4
+5V
-5V
V+
2
MAX270
A0
D5
D6
D4
D3
D2
D1
D0
12
V-
6
11
10
OP IN
20
GND
9
16
15
17
18
19
14
13
WR
CS
INPUT
SIGNAL
OUTB
OP OUT
D6
MAX270
MAX690
WR
GND
FILTER SECTION A
+5V
OUTB
INB
V-
-5V
INA
SHDN
SIGNAL B
SIGNAL A
+5V
OUTA
100kI
6
D6
D5
100kI
100kI
4.7kI
5
D5
D4
100kI
4
D4
D3
100kI
3
D3
D2
100kI
2
D2
D1
100kI
1
D1
D0
A0
CS
100kI
0
D0
PFO
WDI
RESET
VBATT
VOUT
VCC
GND
PFI
0.1µF
0.1µF
+5V
0
1
2
34
5
VCC
OC
8D
74HC373
1Q
TO D0
TO D1
TO D2
TO D3
TO D4
TO D5
+5V
+5V
GND
4Q
4D
3D
3Q
2Q
2D
1D
7D
7Q
6Q
6D
5D
5Q
C
V+
+5V
6
TO D6
8Q
FILTER SECTION B
STRAP PINS HIGH/LOW TO SET FILTER tC DATA.
FILTER DATA RELOADED ON EACH POWER-UP.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com