Electronic Components Datasheet Search
  English  ▼

X  

MAX271ENG Datasheet(PDF) 7 Page - Analog Devices

Part # MAX271ENG
Description  Digitally-Programmed, Dual 2nd-Order Continuous Lowpass Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX271ENG Datasheet(HTML) 7 Page - Analog Devices

Back Button MAX271ENG Datasheet HTML 3Page - Analog Devices MAX271ENG Datasheet HTML 4Page - Analog Devices MAX271ENG Datasheet HTML 5Page - Analog Devices MAX271ENG Datasheet HTML 6Page - Analog Devices MAX271ENG Datasheet HTML 7Page - Analog Devices MAX271ENG Datasheet HTML 8Page - Analog Devices MAX271ENG Datasheet HTML 9Page - Analog Devices MAX271ENG Datasheet HTML 10Page - Analog Devices MAX271ENG Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
Maxim Integrated
Digitally-Programmed, Dual
2nd-Order Continuous Lowpass Filter
MAX270/MAX271
Pin Description (continued)
MAX271
X = Pin has no function in this mode.
Note: All digital input levels are TTL and CMOS compatible, unless otherwise noted.
PIN
NAME
FUNCTION, FP MODE (MODE = GND OR V-)
FUNCTION, FP MODE (MODE = GND OR V+)
1
T/H OUT
Track-and-Hold Output
2
V+
Positive Supply Voltage
3
OUTA
Filler A Signal Output
4
SHDN
—
SHUTDOWN Control. A low level disconnects outputs
and places device into shutdown mode
5
INA
Filter A Signal Input
6
V-
Negative Supply Voltage
7
INB
Filter B Signal Input
8
MODE
Selects FP mode when connected to GND or V- and pin-strap mode when connected to V+.
9
OUTB
Filter B Signal Output
10
GND
Ground
11
T/H A/B
—
Track-and-Hold Input Control. A high/low level internally
connects OUTNOUTB to input of Track-and-Hold
12
WR
WRITE Control Input. A low level writes data
D0-D6 program memory addressed by A1, A0
(or performs function as described for address
inputs). High level latches data.
—
13
T/H EN
X
Track-and-Hold Output Control. Low level disconnects
T/H OUT. Connect pin high for normal operation
14
CS
Chip Select Input. Must be low for WR input to
be recognized.
—
15, 16
A1, A0
Address and FP Control Inputs.
0, 0 Programs fC, filter A
0, 1 Programs fC, filter B
1,0 Controls T/H functions:
D0 performs T/H En pin function
D1 performs T/H A/B pin function.
1,1 Controls device shutdown:
D0 performs SHDN pin function
Note: The WR pin must be strobed low to initiate
a program/function (Figure 2).
—
17-23
D0–D6
7-bit Data Inputs. Allows programming of
128 cutoff frequencies (also performs control
functions as described above).
7-bit Data Inputs. Program memory latches are trans-
parent in this mode. Connect pins high or low to
program filters A and B simultaneously to the same fC.
24
T/H
Track-and-Hold Control. Low level causes T/H OUT to track selected filter output. Filter output level held at
T/H OUT synchronous with T/H rising transition.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com