Electronic Components Datasheet Search
  English  ▼

X  

MAX271ENG Datasheet(PDF) 2 Page - Analog Devices

Part # MAX271ENG
Description  Digitally-Programmed, Dual 2nd-Order Continuous Lowpass Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX271ENG Datasheet(HTML) 2 Page - Analog Devices

  MAX271ENG Datasheet HTML 1Page - Analog Devices MAX271ENG Datasheet HTML 2Page - Analog Devices MAX271ENG Datasheet HTML 3Page - Analog Devices MAX271ENG Datasheet HTML 4Page - Analog Devices MAX271ENG Datasheet HTML 5Page - Analog Devices MAX271ENG Datasheet HTML 6Page - Analog Devices MAX271ENG Datasheet HTML 7Page - Analog Devices MAX271ENG Datasheet HTML 8Page - Analog Devices MAX271ENG Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Maxim Integrated
Digitally-Programmed, Dual
2nd-Order Continuous Lowpass Filter
MAX270/MAX271
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
V+ to V- .................................................................-0.3V to +17V
V+ to GND............................................................-0.3V to +8.5V
V- to GND.............................................................. -0.3V to -8.5V
Input Voltage to GND, Any Input Pin ....(V- - 0.3V) to (V+ + 0.3V)
Duration of Output Short Circuit to GND...................Continuous
Continuous Power Dissipation (TA = +70NC)
MAX270
PDIP (derate 11.1mW/NC above +70NC) .....................889mW
SO (W) (derate 10mW/NC above +70NC......................800mW
MAX271
PDIP (derate 13.3mW/NC above +70NC) ...................1067mW
SO (W) (derate 11.7mW/NC above +70NC).................. 941mw
Operating Temperature Ranges:
MAX27_C_ _....................................................... 0NC to +70NC
MAX27_E_ _.................................................... -40NC to +85NC
Storage Temperature Range............................ -65NC to +165NC
Lead Temperature (soldering, 10s) ................................+300NC
Soldering Temperature (reflow)
Lead(Pb)-free...............................................................+260NC
Containing lead(Pb).....................................................+240NC
ELECTRICAL CHARACTERISTICS
(V+ = +5V, V- = -5V; TA = +25NC, unless otherwise noted.)
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
FILTER CHARACTERISTICS
Operating Frequency Range
(Note 1)
2
MHz
Programmed Cutoff Frequency (fC)
Range
1 to 25
kHz
Programmed Cutoff Frequency
Error
fC code = 53 (2.536kHz typ)
Q
2.9
%
fC code = 127 (25kHz typ)
Q
9.5
Filter Gain
fC code = 0 (1kHz typ),
TA = TMIN to TMAX
fIN = 1kHz
-3.6
-2.4
dB
fIN = 8kHz
-33
fC code = 127 (25kHz typ),
TA = TMIN to TMAX
fIN = 25kHz
-6
-0.5
fIN = 200kHz
-34
Maximum Gain (Peaking)
fC code = 0 (1kHz typ)
0.15
dB
fC code = 127 (25kHz typ)
0.15
Wideband Noise
50Hz to 50kHz bandwidth
fC code = 0
(1kHz typ)
12
F
VRMS
fC code = 127
(25kHz typ)
38
DC CHARACTERISTICS
DC Output Signal Swing
OUTA, OUTB, OP OUT (MAX270)
OUTA, OUTB, T/H OUT (MAX271)
RLOAD = 5kI, TA = TMIN to TMAX
-3
+3
V
Offset Voltage at Outputs
OUTA, OUTB, OP OUT (MAX270)
OUTA, OUTB, T/H OUT (MAX271)
-2
+2
mV
DC Input Leakage Current
INA, INB (MAX270)
INA, INB (MAX271)
TA = TMIN to TMAX
-1
+1
F
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com