Electronic Components Datasheet Search
  English  ▼

X  

MAX271ENG Datasheet(PDF) 9 Page - Analog Devices

Part # MAX271ENG
Description  Digitally-Programmed, Dual 2nd-Order Continuous Lowpass Filter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAX271ENG Datasheet(HTML) 9 Page - Analog Devices

Back Button MAX271ENG Datasheet HTML 5Page - Analog Devices MAX271ENG Datasheet HTML 6Page - Analog Devices MAX271ENG Datasheet HTML 7Page - Analog Devices MAX271ENG Datasheet HTML 8Page - Analog Devices MAX271ENG Datasheet HTML 9Page - Analog Devices MAX271ENG Datasheet HTML 10Page - Analog Devices MAX271ENG Datasheet HTML 11Page - Analog Devices MAX271ENG Datasheet HTML 12Page - Analog Devices MAX271ENG Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
Maxim Integrated
Digitally-Programmed, Dual
2nd-Order Continuous Lowpass Filter
MAX270/MAX271
Figure 1c. MAX271 Block Diagram—Pin-Strap Mode
Filter Programming
Cutoff Frequency
fC is the frequency of 3dB attenuation in the filter
response.
Table 1 shows how data pins D0–D6 allow programming
of 128 cutoff frequencies from 1kHz to 25kHz.
The equations for calculating fC from the programmed
code are as follows:
−
−
−
−
=
=
=
=
C
C
C
C
87.5
f
x1kHz
forcodes0 63
87.5 CODE
)
(f
1kHz to3.57kHz
262.5
f
x1kHz for codes 64 127
137.5 CODE
(f
kHz to kHz)
3.57
25
where CODE is the data on pins D0–D6 (0–127). D6 is
the most significant bit (MSB).
Actual cutoff frequencies are subject to some error for
each programmed code. Highest accuracy occurs at
CODE = 0 where filters are trimmed for a 1kHz cut-
off frequency. At higher codes, CODE vs. fC errors
increase; the frequency error at CODE = 127 {highest
code) remains typically within Q9.5%. This means that
the actual filter cutoff frequency, when programmed to
CODE = 127, falls between 22.63kHz and 27.38kHz.
DIRECT
CONTROL
D0-D6
17-23
5
INA
OUTA
T/H OUT
OUTB
2
15
16
A1*
6
V+
V-
10
GND
EN
EN
3
1
9
7
INB
14
12
4
CS* WR*
SHDN*
11
T/H*
A/B
24
TO GND OR V-
T/H
A0*
*PIN HAS NO FUNCTION IN PIN-STRAP MODE.
EN
13
T/H*
EN
PIN-STRAP
MODE
8
MAX270
MODE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com